Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720 Datasheet(PDF) 392 Page - STMicroelectronics

Part # STR720
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720 Datasheet(HTML) 392 Page - STMicroelectronics

Back Button STR720 Datasheet HTML 388Page - STMicroelectronics STR720 Datasheet HTML 389Page - STMicroelectronics STR720 Datasheet HTML 390Page - STMicroelectronics STR720 Datasheet HTML 391Page - STMicroelectronics STR720 Datasheet HTML 392Page - STMicroelectronics STR720 Datasheet HTML 393Page - STMicroelectronics STR720 Datasheet HTML 394Page - STMicroelectronics STR720 Datasheet HTML 395Page - STMicroelectronics STR720 Datasheet HTML 396Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
392/401
28.11.2 ADC performance
In the following sections the performance figures used to represent ADC characteristics are
reported in Table 107 and briefly explained in the subsequent sections.
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Full range 80 Hz sine wave input, FMOD = 2 MHz
3.
Data based on design guidelines and validation, not tested in production.
4.
Data based on design guidelines, not tested in production.
28.11.2.1 Signal to Noise ratio and distortion (SINAD)
The acquired samples are processed to calculate their FFT, after being windowed using a
four-term Blackman-Harris function so to avoid spread of the fundamental harmonic due to
the non-periodic captured components. On the FFT further processing is performed so to
calculate the ratio between the power of input sine wave fundamental component and the sum
of the noise power plus the power of all harmonic components except the fundamental. This
parameter can be also referred to as THD+N.
28.11.2.2 Effective number of bits (ENOB)
This paramer is calculated based upon the measured SINAD value, as the number of bits of
an ideal converter having an a signal-to-noise ratio equal to the SINAD of the real ADC under
measurement. The ideal signal-to-noise ratio can be expressed as:
thus the effective number of bits can be determined using the following formula:
Table 107. ADC Performance
Symbol
Parameter
Test Conditions(1), (2)
Value
Unit
Min.
Typ
Max
SINAD
Signal/Noise and distortion
68
71
-
dB
ENOB
Effective number of bits
(Resolution)
11
11.5
-
bit
INL
Integral non-linearity(3)
Measured on 11 bit samples.
-
0.5
-
LSB
DNL
Differential non-linearity(3)
Measured on 11 bit samples.
-
0.5
-
LSB
THD
Total harmonic distortion
71
79
-
dB
PBR
Pass-band ripple(4)
--
0.1
dB
SNR
ideal
1.76
6.02 N
bits
⋅
+
=
ENOB
SINAD
1.76
–
6.02
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com