Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 81Page - STMicroelectronics STR720RXH6 Datasheet HTML 82Page - STMicroelectronics STR720RXH6 Datasheet HTML 83Page - STMicroelectronics STR720RXH6 Datasheet HTML 84Page - STMicroelectronics STR720RXH6 Datasheet HTML 85Page - STMicroelectronics STR720RXH6 Datasheet HTML 86Page - STMicroelectronics STR720RXH6 Datasheet HTML 87Page - STMicroelectronics STR720RXH6 Datasheet HTML 88Page - STMicroelectronics STR720RXH6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
85/401
1. Set DMA stream configuration registers writing CIRCULAR bit to’1’ and LAST bit to ‘0’.
2. Proceed fetching the circular buffer using an index to keep trace of last buffer location
used.
3. When the end of transfer condition occurs, stop DMA operation writing DMA_EN to ‘0’.
4. The last buffer location to be used will be indicated by DESTCurrent register pair.
Circular buffer mode has the following limitations:
•
When buffer size is not a multiple of the configured burst size. This is due to the fact
that FIFO is always flushed when the end of buffer is reached, and the resulting runt
burst would not be followed by a transfer moving the remaining locations, located at
the beginning of circular buffer, to complete the programmed burst size.
•
DMALUBuff value, when used, must always be aligned to a buffer location which is a
multiple of the configured burst size and its distance from the current value of TC
(buffer location currently under use) must always be greater than a full burst. This is to
prevent setting of last used buffer location to a place where DMA is already passed or
it is about to pass during the current transfer completion, since DMA controller keeps
operating in parallel to CPU program execution.
•
When memory to memory data transfer is configured on stream 3.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com