Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 83Page - STMicroelectronics STR720RXH6 Datasheet HTML 84Page - STMicroelectronics STR720RXH6 Datasheet HTML 85Page - STMicroelectronics STR720RXH6 Datasheet HTML 86Page - STMicroelectronics STR720RXH6 Datasheet HTML 87Page - STMicroelectronics STR720RXH6 Datasheet HTML 88Page - STMicroelectronics STR720RXH6 Datasheet HTML 89Page - STMicroelectronics STR720RXH6 Datasheet HTML 90Page - STMicroelectronics STR720RXH6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 401 page
background image
STR720 - DMA CONTROLLER (DMAC)
87/401
Destination base address high X (DMADestHiX) (X=2,3)
Address Offset: 8Ch - CCh
Reset value: 0000h
DMADestHiX contains the high base address for stream X destination DMA buffer.
Bit 15:0 = DMADestHiX[15:0]
Maximum count register X (DMAMaxX) (X=2,3)
Address Offset: 90h - D0h
Reset value: 0000h
This register is programmed with stream X maximum data unit count, defining the buffer size.
The data unit is equal to the DMA data with (byte, half-word or word) configured for the source
side, if Dir bit of DMACtrlX register is 0, or for the destination side, if Dir bit of DMACtrlX
register is 1. Upon enabling DMA Controller, the content of the Maximum Count Register is
loaded in the Terminal Count Register.
Bit 15:0 = DMAMax0[15:0]
15
14
13
12
11
10
9
8
765432
1
0
DMADestHiX
rw
15
14
13
12
11
10
9
8
765432
1
0
DMAMaxX
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com