Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 149 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 145Page - STMicroelectronics STR720RXH6 Datasheet HTML 146Page - STMicroelectronics STR720RXH6 Datasheet HTML 147Page - STMicroelectronics STR720RXH6 Datasheet HTML 148Page - STMicroelectronics STR720RXH6 Datasheet HTML 149Page - STMicroelectronics STR720RXH6 Datasheet HTML 150Page - STMicroelectronics STR720RXH6 Datasheet HTML 151Page - STMicroelectronics STR720RXH6 Datasheet HTML 152Page - STMicroelectronics STR720RXH6 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 401 page
background image
STR720 - RESET AND CLOCK CONTROL UNIT (RCCU)
149/401
13.4.1
Register map
Refer to Table 21 on page 50 for the base address.
Table 39. RCCU Register Map
Addr.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
PLLCONF
LOCK
AUTOB
YP_EN
Reserved
PLLOF
F
PLLB-
YP
DX[1:0]
MX[5:0]
04
DIVCONF
Reserved
Reserved
ATAPI_
SEL
APB_DIV[1:0]
08
CLKFLAG
LOCK_
I
ULOCK
_I
Reserved
DIV2_F
PLLBY
P_F
IDLE_F
SLOW
_F
Res.
WDGR
ST_F
SWRS
T_F
0C
CLKCTL
Reserved
SWRS
T
DIV2
IDLE
SLOW
10
MSKCTL
LOCK_
I_EN
ULOCK
_I_EN
Reserved
STOP_
EN
14
SYSPROT
Reserved
REG_P
ROT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com