Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 161 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 157Page - STMicroelectronics STR720RXH6 Datasheet HTML 158Page - STMicroelectronics STR720RXH6 Datasheet HTML 159Page - STMicroelectronics STR720RXH6 Datasheet HTML 160Page - STMicroelectronics STR720RXH6 Datasheet HTML 161Page - STMicroelectronics STR720RXH6 Datasheet HTML 162Page - STMicroelectronics STR720RXH6 Datasheet HTML 163Page - STMicroelectronics STR720RXH6 Datasheet HTML 164Page - STMicroelectronics STR720RXH6 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 401 page
background image
STR720 - ASYNCHRONOUS AHB-APB BRIDGE (A3BRG)
161/401
This AHB/APB bridge is capable of addressing 13 peripherals. Each peripheral is connected
through an APB slave port to the APB bus and data size can be different from one peripheral
to the other. The APB memory mapping provides 4 kBytes memory space for each peripheral.
The Bridge is able to detect some errors while accessing to a peripheral:
■
an out of memory condition on the APB bus, when the address does not refer to a valid
peripheral. This could arise if the set of all peripheral’s memory spaces does not cover the
whole AHB mapping space
■
an access on the APB bus to a peripheral whose clock has been switched-off
■
an access on the APB bus to a peripheral which is currently under reset.
If one of the first 3 conditions occurs, the bridge does not start an APB transaction and reports
on the AHB bus an ERROR condition (if enabled). The type of error will be saved in the Bridge
Status Register and the address which has generated the error condition will be reported in
Figure 19. AHB/APB bridge block diagram
AHB
APB
resynchronization
stage
error management
configuration and
status registers
AHB Slave
APB master
per_clock[:] per_resetn[:]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com