Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 182 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 178Page - STMicroelectronics STR720RXH6 Datasheet HTML 179Page - STMicroelectronics STR720RXH6 Datasheet HTML 180Page - STMicroelectronics STR720RXH6 Datasheet HTML 181Page - STMicroelectronics STR720RXH6 Datasheet HTML 182Page - STMicroelectronics STR720RXH6 Datasheet HTML 183Page - STMicroelectronics STR720RXH6 Datasheet HTML 184Page - STMicroelectronics STR720RXH6 Datasheet HTML 185Page - STMicroelectronics STR720RXH6 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 401 page
background image
STR720 - UART
182/401
ASCIntEnable
Address Offset: 10h
Reset value 0000h
The ASCIntEnable register enables a source of interrupt.
Interrupts will occur when a status bit in the ASCStatus register is 1, and the corresponding
bit in the ASCIntEnable register is 1.
Bit 15:9 = Reserved.
Write 0, will read back 0.
Bit 8 = ASCIntEnable[8]= RxHalfFullIE: Receiver buffer Half Full Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
Bit 7 = ASCIntEnable[7]=TimeoutIdleIE: Timeout Idle Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
Bit 6 = ASCIntEnable[6]=TimeoutNotEmpty IE: Timeout Not Empty Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
Bit 5 = ASCIntEnable[5]=OverrunErrorIE: Overrun Error Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
Bit 4 = ASCIntEnable[4]=FrameErrorIE: Framing Error Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
Bit 3 = ASCIntEnable[3]=ParityErrorIE: Parity Error Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
Bit 2 = ASCIntEnable[2]=TxHalfEmptyIE: Transmitter buffer Half Empty Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
Bit 1 = ASCIntEnable[1]=TxEmptyIE: Transmitter Empty Interrupt Enable
0: interrupt disabled.
1: interrupt enabled.
15
14
13
12
11
10
9
8
765432
1
0
RESERVED
ASCIntEnable
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com