Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 220 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 216Page - STMicroelectronics STR720RXH6 Datasheet HTML 217Page - STMicroelectronics STR720RXH6 Datasheet HTML 218Page - STMicroelectronics STR720RXH6 Datasheet HTML 219Page - STMicroelectronics STR720RXH6 Datasheet HTML 220Page - STMicroelectronics STR720RXH6 Datasheet HTML 221Page - STMicroelectronics STR720RXH6 Datasheet HTML 222Page - STMicroelectronics STR720RXH6 Datasheet HTML 223Page - STMicroelectronics STR720RXH6 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
220/401
IFn Command Request Registers (CAN_IFn_CRR)
Address offset: 20h (CAN_IF1_CRR), 80h (CAN_IF2_CRR)
Reset Value: 0001h
A message transfer is started as soon as the application software has written the message
number to the Command Request Register. With this write operation, the Busy bit is
automatically set to notify the CPU that a transfer is in progress. After a waiting time of 3 to 6
APB_CLK periods, the transfer between the Interface Register and the Message RAM is
completed. The Busy bit is cleared.
Note
When a Message Number that is not valid is written into the Command Request
Register, the Message Number will be transformed into a valid value and that
Message Object will be transferred.
15
14
13
12
11
10
9876
5
4
3
2
1
0
Busy
Reserved
Message Number
r
rw
Bit 15
Busy: Busy Flag
0: Read/write action has finished.
1: Writing to the IFn Command Request Register is in progress.
This bit can only be read by the software.
Bits 14:6
Reserved
These are reserved bits. These bits are always read as ‘0’ and must always
be written with ‘0’.
Bits 5:0
Message Number
0x01-0x20: Valid Message Number, the Message Object in the Message
RAM is selected for data transfer.
0x00: Not a valid Message Number, interpreted as 0x20.
0x21-0x3F: Not a valid Message Number, interpreted as 0x01-0x1F.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com