Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 261 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 261 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 257Page - STMicroelectronics STR720RXH6 Datasheet HTML 258Page - STMicroelectronics STR720RXH6 Datasheet HTML 259Page - STMicroelectronics STR720RXH6 Datasheet HTML 260Page - STMicroelectronics STR720RXH6 Datasheet HTML 261Page - STMicroelectronics STR720RXH6 Datasheet HTML 262Page - STMicroelectronics STR720RXH6 Datasheet HTML 263Page - STMicroelectronics STR720RXH6 Datasheet HTML 264Page - STMicroelectronics STR720RXH6 Datasheet HTML 265Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
261/401
18.7.11 Register Map
A summary of the CAN Peripheral registers is given in the following table.
Refer to Table 20 on page 49 for the base address..
Table 57. CAN Register Map
Addr
offset
Register Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00h
CAN_CR
Reserved
res
IE
Init
04h
CAN_SR
Reserved
LEC
08h
CAN_ERR
RP
REC6-0
TEC7-0
0Ch
CAN_BTR
res
TSeg2
TSeg1
SJW
BRP
10h
CAN_IDR
IntId15-8
IntId7-0
14h
CAN_TESTR
Reserved
Reserved
18h
CAN_BRPR
Reserved
BRPE
20h
CAN_IF1_CRR
Busy
Reserved
Message Number
24h
CAN_IF1_CMR
Reserved
28h
CAN_IF1_M1R
Msk15-0
2Ch
CAN_IF1_M2R
MXtd
MDir
res
Msk28-16
30h
CAN_IF1_A1R
ID15-0
34h
CAN_IF1_A2R
Msg
Val
Xtd
Dir
ID28-16
38h
CAN_IF1_MCR
Reserved
DLC3-0
3Ch
CAN_IF1_DA1R
Data(1)
Data(0)
40h
CAN_IF1_DA2R
Data(3)
Data(2)
44h
CAN_IF1_DB1R
Data(5)
Data(4)
48h
CAN_IF1_DB2R
Data(7)
Data(6)
80h
CAN_IF2_CRR
Busy
Reserved
Message Number
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com