Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 365 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 365 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 361Page - STMicroelectronics STR720RXH6 Datasheet HTML 362Page - STMicroelectronics STR720RXH6 Datasheet HTML 363Page - STMicroelectronics STR720RXH6 Datasheet HTML 364Page - STMicroelectronics STR720RXH6 Datasheet HTML 365Page - STMicroelectronics STR720RXH6 Datasheet HTML 366Page - STMicroelectronics STR720RXH6 Datasheet HTML 367Page - STMicroelectronics STR720RXH6 Datasheet HTML 368Page - STMicroelectronics STR720RXH6 Datasheet HTML 369Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 401 page
background image
STR720 - POWER REDUCTION MODES
365/401
After reset the RCCU is configured in RUN mode with PLL switched off, PLL_BYP enabled
and DIV2 disabled, so that the main system frequency at start-up is equal to CLK input. To
select the actual operating system frequency, the DIV2 multiplexer should be enabled first if
the input clock frequency requires it, then PLL should be switched on after having
programmed its multiplying factor. The signal generated by PLL can be selected as clock
source disabling the PLL_BYP multiplexer but this operation should be performed only when
PLL is stable (about 200
µs). A LOCK status bit can be used to detect PLL status and switch
to its clock only when lock condition is reached. Any change of PLL lock condition is registered
in dedicated interrupt pending flags. If application requires to take immediate actions when
PLL lock condition is lost or achieved, an automatic PLL bypass can be enforced each time
the lock condition changes, switching to reference clock as soon as lock condition is lost and
switching back to PLL clock when lock condition is regained. This mechanism can be enabled
by setting the AUTOBYP_EN flag.
The PLL should be switched-off before changing the multiply factor, using the reference clock
during this transitory phase.
For more detail about PLL management see Section 13.3.2: PLL Management on page 140.
During RUN mode, most of STR720 peripherals clocks can be independently switched on and
off using PCG registers inside A-APB bridge, CGC block registers and a few SGCR1 register
bits. In this way only the peripherals whose functionalities are required by the system need to
be clocked, so the actual power consumption of the whole STR720 device can be adapted by
software, according to application requirements and the exact current consumption is heavily
dependent on which blocks are active and for how long. At system reset all of controlled
peripherals are kept under reset with their clock signals switched off, except EIC, EMI and
DRAMC which are required for system start-up. It is up to application software to enable the
required peripherals. The following table summarizes the peripherals whose clock and reset
lines can be controlled:
29 / 8
58.00
3.63
29.00
29.00
15 / 4
60.00
3.75
30.00
30.00
31 / 8
62.00
3.88
31.00
31.00
8 / 2
64.00
4.00
32.00
32.00
33 / 8
66.00
4.13
33.00
33.00
17 / 4
68.00
4.25
34.00
22.67
35 / 8
70.00
4.38
35.00
23.33
Table 82. RUN mode system frequencies (CLK=16 MHz)
PLL Multiplier / Divider
AHB / S-APB
[MHz]
A-APB min
(f/16)
A-APB max
(f/2)
ATAPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com