Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RXH6 Datasheet(PDF) 393 Page - STMicroelectronics

Part # STR720RXH6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RXH6 Datasheet(HTML) 393 Page - STMicroelectronics

Back Button STR720RXH6 Datasheet HTML 389Page - STMicroelectronics STR720RXH6 Datasheet HTML 390Page - STMicroelectronics STR720RXH6 Datasheet HTML 391Page - STMicroelectronics STR720RXH6 Datasheet HTML 392Page - STMicroelectronics STR720RXH6 Datasheet HTML 393Page - STMicroelectronics STR720RXH6 Datasheet HTML 394Page - STMicroelectronics STR720RXH6 Datasheet HTML 395Page - STMicroelectronics STR720RXH6 Datasheet HTML 396Page - STMicroelectronics STR720RXH6 Datasheet HTML 397Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
393/401
28.11.2.3 Integral non-linearity (INL)
This parameter expresses the deviation between the actual A/D convertion characteristics
and the ideal one by evaluating the distance between the center of the actual convertion step
and the center of the bisector line, which is obtained by drawing a straight line from 1/2 LSB
before the first step of real characteristic to 1/2 LSB after its last step.
28.11.2.4 Differential non-linearity (DNL)
This parameter again expresses the deviation between actual and ideal A/D convertion
characteristics. This time the size of actual step with respect to the ideal one (1 ideal LSB) is
compared.
28.11.2.5 Total harmonic distortion (THD)
The FFT computed on the acquired samples is processed so to calculated the ratio between
the power of input sine wave fundamental component and the power of all other harmonic
components.
28.11.2.6 Pass-band ripple (PBR)
This parameter defines the characteristics of A/D converter transfer function from analog input
pin to the generated sample values.
28.12 External Memory Bus Timing
The signal composing the external memory interface are collected on Port 7 and as such all
their DC electrical characteristics are reported in Table 99. The following tables and figures
report the timing characteristics of read and write cycles.
Table 108. EMI Read cycle timing characteristics
Symbol
Parameter(1)
Test Conditions(2), (3)
Value(4)
Unit
Min
Typ
Max
tRPR1
Read pulse time for ERD in 8/16-bit
word access
Depends on EMI configu-
ration.(5)
2TC - x
9TC + x
ns
tRPC1
Read pulse time for ECSx in 8/
16-bit word access
Depends on EMI configu-
ration.(5)
2TC - x
9TC + x
ns
tRPR2
Read pulse time for ERD in 32-bit
word access
Depends on EMI configu-
ration.(5)
4TC - x
18TC + x
ns
tRPC2
Read pulse time for ECSx in 32-bit
word access
Depends on EMI configu-
ration.(5)
4TC - x
18TC + x
ns
tRSP
Read sampling point
TC - x
TC + x
ns
tRDS
Read data setup time
ns
tRDH
Read data hold time
ns
tRASR
Read address setup time to ERD
TC - x
TC + x
ns
tRASC
Read address setup time to ECSx
TC - x
TC + x
ns
tRAH
Read address hold time
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com