Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V36 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V36
Description  16-Bit CCD/CIS Analog Signal Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V36 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V36 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1
CDSCLK1
DI
CDS reference clock pulse input
2
CDSCLK2
DI
CDS data clock pulse input
3
ADCCLK
DI
A/D sample clock input
4OE
DI
Output enable, active low
5
DRVDD
P
Digital driver power
6
DRVSS
P
Digital driver ground
7~14
D7~D0
DO
Digital data output
15
SDATA
DI/DO
Serial data input/output
16
SCLK
DI
Clock input for serial interface
17
SLOAD
DI
Serial interface load pulse
18, 27
AVSS
P
Analog ground
19, 28
AVDD
P
Analog supply
20
REFB
AO
Reference decoupling
21
REFT
AO
Reference decoupling
23
CML
AO
Internal reference output
24
VING
AI
Analog input
25
OFFSET
AO
Clamp bias level decoupling
22, 26
NC
¾
No connection
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+3.6V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT82V36
Rev. 1.30
2
June 29, 2004
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
A V D D
A V S S
N C
O F F S E T
V I N G
C M L
N C
R E F T
R E F B
A V S S
A V D D
S L O A D
S C L K
S D A T A
C D S C L K 1
C D S C L K 2
A D C C L K
O E
D R V D D
D R V S S
D 7 ( M S B )
D 6
D 5
D 4
D 3
D 2
D 1
D 0 ( L S B )
H T 8 2 V 3 6
2 8 S S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com