Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V36 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V36
Description  16-Bit CCD/CIS Analog Signal Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V36 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V36 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V36 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Timing Specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
Clock Parameters
tADCLK
Pixel Rate Clock
166
¾¾
ns
tADH
ADCCLK Pulse High Width
80
¾
ns
tADL
ADCCLK Pulse Low Width
80
¾
ns
tC1
CDSCLK1 Pulse Width
20
¾¾
ns
tC2
CDS Mode CDSCLK2 Pulse Width
20
¾¾
ns
tC3
SHA Mode CDSCLK2 Pulse Width
40
¾¾
ns
tC2ADF
CDSCLK2 Falling to ADCCLK Falling
60
¾¾
ns
tADFC1
ADCCLK Falling to CDSCLK1 Rising
2
¾¾
ns
tADFC2
ADCCLK Falling to CDSCLK2 Rising
2
¾¾
ns
tAD
Analog Sampling Delay
5
¾¾
ns
Serial Interface
fSCLK
Maximum SCLK Frequency
10
¾¾
MHz
tLS
SLOAD to SCLK Setup Time
10
¾¾
ns
tLH
SCLK to SLOAD Hold Time
10
¾¾
ns
tDS
SDATA to SCLK Rising Setup Time
10
¾¾
ns
tDH
SCLK Rising to SDATA Hold Time
10
¾¾
ns
tRDV
Falling to SDATA Valid
10
¾¾
ns
Data Output
tOD
Output Delay
¾
8
¾
ns
Latency (Pipeline Delay)
¾
9
¾
Cycles
HT82V36
Rev. 1.30
4
June 29, 2004
Functional Description
Integral Nonlinear (INL)
Integral nonlinear error refers to the deviation of each in-
dividual code from a line drawn from zero scale through
positive full scale. The point used as zero scale occurs 1
/2 LSB before the first code transition. Positive full scale
is defined as a level 1/2 LSB beyond the last code transi-
tion. The deviation is measured from the middle of each
particular code to the true straight line.
Differential Nonlinear (DNL)
An ideal ADC exhibits code transitions that are exactly 1
LSB apart. DNL is the deviation from this ideal value.
Thus every code must have a finite width. No missing
codes guaranteed to 16-bit resolution indicates that all
4096 codes, respectively, must be present over all oper-
ating ranges.
Offset Error
The first ADC code transition should occur at a level 1/2
LSB above the nominal zero scale voltage.
The offset error is the deviation of the actual first code
transition level from the ideal level.
Gain Error
The last code transition should occur for an analog
value 1/2 LSB below the nominal full-scale voltage.
Gain error is the deviation of the actual difference be-
tween first and last code transitions and the ideal differ-
ence between the first and last code transitions.
Aperture Delay
The aperture delay is the time delay that occurs when a
sampling edge is applied to the HT82V36 until the actual
sample of the input signal is held. Both CDSCLK1 and
CDSCLK2 sample the input signal during the transition
from high to low, so the aperture delay is measured from
each clock
¢s falling edge to the instant the actual inter-
nal sample is taken.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com