Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT12N50F Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFT12N50F
Description  HiPerRF Power MOSFETs F-Class: MegaHertz Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT12N50F Datasheet(HTML) 2 Page - IXYS Corporation

  IXFT12N50F Datasheet HTML 1Page - IXYS Corporation IXFT12N50F Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V; I
D = 0.5 • ID25
Note 1
6
10
S
C
iss
1870
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
290
pF
C
rss
90
pF
t
d(on)
11
n s
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
14
n s
t
d(off)
R
G = 4.7 W (External),
28
n s
t
f
8n s
Q
g(on)
54
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
18
nC
Q
gd
25
nC
R
thJC
0.65
K/W
R
thCK
(TO-247)
0.25
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS
= 0 V
12
A
I
SM
Repetitive;
48
A
pulse width limited by T
JM
V
SD
I
F = IS, VGS = 0 V, Note 1
1.5
V
t
rr
250
n s
Q
RM
0.8
mC
I
RM
6.5
A
I
F = IS,-di/dt = 100 A/ms, VR = 100 V
Note: 1. Pulse test, t
£ 300 ms, duty cycle d £ 2 %
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
ÆP
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Terminals:
1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
TO-268 Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.9
5.1
.193
.201
A1
2.7
2.9
.106
.114
A2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80 14.00
.543
.551
E
15.85 16.05
.624
.632
E1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70 19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
Min Recommended Footprint
IXFH 12N50F
IXFT 12N50F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com