Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT12N50F Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT12N50F
Description  HiPerRF Power MOSFETs F-Class: MegaHertz Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT12N50F Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT12N50F Datasheet HTML 1Page - IXYS Corporation IXFT12N50F Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C12
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
48
A
I
AR
T
C
= 25
°C12
A
E
AR
T
C
= 25
°C20
mJ
E
AS
T
C
= 25
°C
300
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
180
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.4/6 Nm/lb.in.
Weight
TO-247
6
g
TO-264
4
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250uA
500
V
V
GS(th)
V
DS = VGS, ID = 2.5 mA
3.0
5.0 V
I
GSS
V
GS = ±20 V, VDS = 0
±100 nA
I
DSS
V
DS = 0.8 • VDSS
50
mA
V
GS = 0 V
T
J
= 125
°C
1 mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
0.4
W
Note 1
98737 (07/00)
Advanced Technical Information
HiPerRFTM
Power MOSFETs
F-Class: MegaHertz Switching
N-ChannelEnhancementMode
Avalanche Rated, Low Q
g, Low Intrinsic Rg
High dV/dt, Low t
rr
Features
l RF capable MOSFETs
l Double metal process for low gate
resistance
l Low R
DS (on) HDMOS
TM process
l Rugged polysilicon gate cell structure
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
l Fast intrinsic rectifier
Applications
l DC-DC converters
l Switched-mode and resonant-mode
power supplies, >500kHz switching
l DC choppers
l 13.5 MHz industrial applications
l Pulse generation
l Laser drivers
l RF amplifiers
Advantages
l Space savings
l High power density
TO-247 AD (IXFH)
(TAB)
G = Gate,
D = Drain,
S = Source,
TAB = Drain
TO-268 (IXFT) Case Style
(TAB)
G
S
V
DSS
= 500 V
I
D25
=
12 A
R
DS(on)
= 0.4
W
t
rr £ 250 ns
IXFH 12N50F
IXFT 12N50F


Similar Part No. - IXFT12N50F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFT12N50F ISC-IXFT12N50F Datasheet
400Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFT12N50F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX44N50F IXYS-IXFX44N50F Datasheet
99Kb / 2P
HiPerRF Power MOSFETs F-Class MegaHertz Switching Single MOSFET Die
IXFX21N100F IXYS-IXFX21N100F Datasheet
98Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFR55N50F IXYS-IXFR55N50F Datasheet
499Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100 IXYS-IXFN24N100 Datasheet
105Kb / 2P
HiPerRF Power MOSFETs
IXFH28N50 IXYS-IXFH28N50 Datasheet
104Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH21N50F IXYS-IXFH21N50F Datasheet
106Kb / 2P
HiPerRF Power MOSFETs
IXFH60N20F IXYS-IXFH60N20F_08 Datasheet
103Kb / 2P
HiPerRF Power MOSFET F-Class: MegaHertz Switching
IXFK24N100F IXYS-IXFK24N100F Datasheet
161Kb / 4P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFK44N50F IXYS-IXFK44N50F_09 Datasheet
131Kb / 5P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFN24N100F IXYS-IXFN24N100F Datasheet
108Kb / 2P
HiPerRF Power MOSFETs F-Class: MegaHertz Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com