Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL50SWSSL20Q Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WL50SWSSL20Q
Description  WL50S Stainless Steel High-Intensity Work Spot Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WL50SWSSL20Q Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WL50SWSSL20Q Datasheet HTML 1Page - Banner Engineering Corp. WL50SWSSL20Q Datasheet HTML 2Page - Banner Engineering Corp. WL50SWSSL20Q Datasheet HTML 3Page - Banner Engineering Corp. WL50SWSSL20Q Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
Chemically Resistant LED work lighting
•
Three lens options, depending on model, to vary spot size
•
Illuminates a large area with an even pattern of light and no shadows
•
12 to 30 V dc operation
•
56 mm (2.2 in) diameter with flat profile and 30 mm (1.2 in) mounting base
•
Rugged, Viton® o-ring sealed housing rated to IP69K
•
Chemically resistant 316 stainless steel housing for use in harsh environments
•
FDA grade silicone gasket
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Models
Model
LED Color
Window Material
Lumens
Lux
Lens Angle (see
Beam Patterns
on page 2)
Connection
0.5 m
1 m
WL50SWSSL5Q
White,
5000–8300 K
Polycarbonate
295
13780
3445
±5°
small, more
focused spot
5 pin Euro integral QD
connector (use with a 4-
wire or 5-wire mating
cordset, only 2 wires used
for connection)
WL50SWSSGL5Q
Glass
WL50SWSSL11Q
Polycarbonate
285
5460
1365
±11°
larger spot
WL50SWSSGL11Q
Glass
WL50SWSSL20Q
Polycarbonate
270
2000
500
±20°
largest spot
WL50SWSSGL20Q
Glass
Specifications
Supply Voltage and Current
Operating Voltage: 12 to 30 V dc
Current Draw: 400 mA maximum
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Light Source
Three high-intensity LEDs; see models table for color temperature
Useful Life
When operating within specifications, output will decrease less than
30% after 50,000 hours.
Construction
316 stainless steel housing, polycarbonate or glass window with Viton
seal, 316 stainless steel M30 mounting nut, FDA grade silicon base
gasket
Mounting
30 × 1.5 mm thread base mount
Connections
Integral 5-pin M12 quick disconnect fitting; 4-pin connecting cordset
required for quick disconnect fitting models; only 2 wires used
Environmental Rating
IEC IEC IP67, IEC IP69K per DIN 40050-9
NOTE: Do not spray the cable with a
high-pressure sprayer or cable damage
will result.
Operating Conditions
–20 °C to +50 °C (–4 °F to +122 °F)
95% maximum relative humidity (non-condensing)
Vibration and Mechanical Shock
All models meet Mil. Std. 202F requirements method 201A (vibration:
10 to 60 Hz max., double amplitude 0.06", maximum acceleration
10G). Also meets IEC 947-5-2; 30G 11 ms duration, half sine wave.
Storage Temperature
−40 °C to +70 °C (−40 °F to +158 °F)
95% maximum relative humidity (non-condensing)
Certifications
Approvals are pending
WL50S Stainless Steel High-Intensity Work
Spot Light
Original Document
168649 Rev. D
19 December 2016
168649


Similar Part No. - WL50SWSSL20Q

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WL50SWSSL20PWMQ BANNER-WL50SWSSL20PWMQ Datasheet
445Kb / 5P
WL50S Stainless Steel High-Intensity Spot Light - PWM Dimmable
More results

Similar Description - WL50SWSSL20Q

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
logo
Banner Engineering Corp...
WL50S BANNER-WL50S Datasheet
445Kb / 5P
WL50S Stainless Steel High-Intensity Spot Light - PWM Dimmable
WL50S BANNER-WL50S_V01 Datasheet
309Kb / 5P
WL50S High-Intensity Spot Light - PWM Dimmable
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
WL50S High-Intensity Work Spot Light
WLC60 BANNER-WLC60 Datasheet
549Kb / 4P
WLC60 Heavy Duty Stainless Steel LED Light
LEDWS50L5-XQ BANNER-LEDWS50L5-XQ Datasheet
430Kb / 6P
LED..S50L.. High-Intensity Spot Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com