Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL50SWSSL20Q Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WL50SWSSL20Q
Description  WL50S Stainless Steel High-Intensity Work Spot Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WL50SWSSL20Q Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WL50SWSSL20Q Datasheet HTML 1Page - Banner Engineering Corp. WL50SWSSL20Q Datasheet HTML 2Page - Banner Engineering Corp. WL50SWSSL20Q Datasheet HTML 3Page - Banner Engineering Corp. WL50SWSSL20Q Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Beam Patterns
Percentage of Maximum Light Intensity Per Lens Type
at 0.5 Meter (Typical)
at 1 Meter (Typical)
0%
25%
50%
75%
100%
-30
-20
-10
0
10
20
30
Light Pattern From Center (cm)
±5º ±11º ±20º
0%
25%
50%
75%
100%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Light Pattern From Center (cm)
±5º
±11º
±20º
Dimensions
Wiring
1
3
12–30 V dc
+
−
Female
Male
1
1
3
3
Wiring Key:
1 = Brown
3 = Blue
WL50S Stainless Steel High-Intensity Work Spot Light
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 168649 Rev. D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com