Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBWLB72RAS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LMBWLB72RAS
Description  WLB72B Industrial LED Light Bar (AC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LMBWLB72RAS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LMBWLB72RAS Datasheet HTML 1Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 2Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 3Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 4Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 5Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Banner's WLB72 is a very bright LED luminaire that features an even light output for a no glare 'glow'. The WLB72 series is
designed for a wide variety of environments and applications, including but not limited to work stations, machine lighting, and low
bay lighting. The WLB72 uses advanced LED lighting technology to provide a high-quality and maintenance free industrial lighting
solution.
•
Increase worker productivity and ergonomics with bright, high-quality, uniform light
•
Exceptionally energy efficient for overall cost savings
•
Durable light with a metal housing and shatter-resistant window
•
Intensity can be controlled from 5% to 100% using a compatible dimmer
•
Rated for use at 120 V ac to 277 V ac
•
Fast installation with multiple integrated mounting options or accessory brackets
The WLB72 Industrial LED Light Bars are continuous run models that come with 1/2-inch conduit knockouts on the side, back, and
both end caps that allow for lights to be cascaded or "daisy-chained" for a continuous length of light. WLB72 models come with a
five
year, limited warranty. To view or download the latest technical information about this product, including specifications,
dimensions, accessories, and wiring, see
www.bannerengineering.com.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde
www.bannerengineering.com toda la documentación técnica de los WLB72B Industrial LED Light Bar,
disponibles en múltiples idiomas, para detalles del uso adecuado, aplicaciones, advertencias, y las
instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation
technique complète des WLB72B Industrial LED Light Bar sur notre site www.bannerengineering.com pour les
détails sur leur utilisation correcte, les applications, les notes de sécurité et les instructions de montage.
Models
Connector
CT = Conduit Entry
CT
C = Cascadable
Cascadable
C
1200
Lighted
Length (mm)
1200
A = 0-10 V Analog
Dimming
Control
A
Z = AC
Voltage
Z
Family
WLB72
W = Daylight white
LED Color
B = Basic
Tier
B
W
D = Diffused window
Window
D
WLB72B Industrial LED Light Bar (AC)
Original Document
210184 Rev. A
22 August 2019
210184


Similar Part No. - LMBWLB72RAS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LMBWLB32 BANNER-LMBWLB32 Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
LMBWLB32 BANNER-LMBWLB32 Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
LMBWLB32-180S BANNER-LMBWLB32-180S Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
LMBWLB32-180S BANNER-LMBWLB32-180S Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
LMBWLB32MAG BANNER-LMBWLB32MAG Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
More results

Similar Description - LMBWLB72RAS

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
LED Light Bar
logo
Banner Engineering Corp...
WLB32 BANNER-WLB32 Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
WLB32 BANNER-WLB32_V01 Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
WLB92 BANNER-WLB92_V01 Datasheet
503Kb / 6P
WLB92 Industrial LED Light Bar (AC Quick Disconnect)
WLB92 BANNER-WLB92_V02 Datasheet
501Kb / 5P
WLB92 Industrial LED Light Bar (DC)
WLB92 BANNER-WLB92_V03 Datasheet
623Kb / 5P
WLB92 Industrial LED Light Bar (AC Conduit)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com