Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBWLB72RAS Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LMBWLB72RAS
Description  WLB72B Industrial LED Light Bar (AC)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LMBWLB72RAS Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LMBWLB72RAS Datasheet HTML 1Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 2Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 3Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 4Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 5Page - Banner Engineering Corp. LMBWLB72RAS Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2. Connect the power by removing the selected knockout and installing either 1/2-inch conduit or an AC power cord with
supplied cord grip strain relief. If you are using rigid conduit, the conduit hub/connector must be approved for use in dry or
damp locations and must be connected to the conduit before the hub/connector is connected to the luminaire. The
supplied cord grip diameter range is 4.3 to 11.4 mm.
3. Connect the incoming supply wires to the LED Driver input connectors according to the wiring diagram.
4. Connect the ground wire to the three-position ground connector.
5. If you are using 0–10 V analog dimming, connect to the LED Driver dimming connectors according to the wiring diagram.
6. Attach the red and black wires from the cover LED board to the output connectors on the Driver.
7. Re-attach the cover to the housing by snapping it into place. Secure the cover to the housing by using a minimum of one
self tapping screw on each end of the housing (four screws are provided).
8. Repeat these steps on other end of the luminaire if you are connecting to more than one luminaire in a continuous run.
Wiring Diagram
Diagram
Wire
Connection
N
L
Dim (+)
Dim (-)
N
L
Dim (+)
Dim (-)
L - Black
Line/Hot
N - White
Neutral
- Green/Yellow
Earth ground
Dim (+) - Purple
0–10 V dc analog dimming
Dim (-) - Gray
Return analog dimming
Specifications
Supply Voltage
Nominal voltage: 120 V ac to 277 V ac, 60 Hz in North America
Nominal voltage: 120 V ac to 277 V ac, 50/60 Hz outside North America
Power factor: > 0.95 at 120 V ac and > 0.90 at 277 V ac
Total harmonic distortion (THD): < 20%
See electrical characteristics on product label
Supply Current
Lighted
Length
(mm)
Max.
Current
Draw (A) at
90 V ac
Typical Current Draw (A)
120 V ac
230 V ac
277 V ac
1200
0.850
0.43
0.22
0.18
Supply Protection Circuitry
Protected against transient voltages
LED Lifetime
When operating within specifications, output will decrease less than 30%
after 50,000 hours.
Construction
Galvanized steel with corrosion resistant polyester powder coat,
polycarbonate window and end caps.
Weight: 2.8 kg (6.25 lbs)
Mounting
Compatible with a variety of common mounting and hanging methods.
Housing includes six mounting holes for surface mounting.
Several optional mounting brackets are available (see Accessories)
Connections
1/2-inch trade size conduit knockout in nine locations
Weight
2.8 kg (6.2 lbs)
Environmental Rating
IEC IP20
Operating Temperature
Surface Mount Installation: –40 °C to +50 °C (–40 °F to +122 °F)
85% at +50 °C maximum relative humidity (non-condensing)
Light Characteristics
Daylight White Efficacy: 130 lumens/watt typical at 120 V ac at 25 °C (77 °F)
CRI: 82, typical
Color
Color Temperature (CCT)
Lumens (Typical at 25 °C)
Daylight White
5000 K (±300 K)
6800
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 0.5 mm peak-to-peak amplitude per IEC
60068-2-6 (5 minute sweep, 30 minute dwell)
Shock: 5G 11 ms duration, half sine wave per IEC 60068-2-27
Impact: IK07 (IEC 60068-2-75)
WLB72B Industrial LED Light Bar (AC)
P/N 210184 Rev. A
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com