Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32ZC285..QM Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # WLB32ZC285..QM
Description  WLB32 Industrial LED Light Bar (AC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32ZC285..QM Datasheet(HTML) 6 Page - Banner Engineering Corp.

  WLB32ZC285..QM Datasheet HTML 1Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 2Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 3Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 4Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 5Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 6Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 7Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
5733 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 83.8°
Horizontal Spread: 124.8°
0.3 m
0.6 m
0.6 m
1.3 m
0.9 m
1.9 m
1.2 m
2.6 m
3904 lux
2203 lux
1390 lux
1.5 m
3.2 m
1139 lux
1.8 m
3.8 m
806 lux
Beam Width (m)
Vert.
Horiz.
Mount height of 1 meter (1 m)
2
2
2
1
1
1
0 m
0 m
1
2
600 lux
500 lux
400 lux
300 lux
200 lux
100 lux
50 lux
25 lux
50% max.
candela
180°
820
683
547
410
273
137
0
137
273
410
547
683
820
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Vertical Angle:
0° Vertical
90° Horizontal
Figure 10. 1130 mm Models with Eye Shields
Dimensions
L1
L2
Motion Detector and/or Eye Shield Models
Specific to models with shield
Model
Models without Motion Detector
Models with Motion Detector and/or Eye Shield
L1
L2
WLB32ZC285..QM
298 mm (11.7 in)
368 mm (14.5 in)
WLB32ZC570..QM
580 mm (22.8 in)
650 mm (25.6 in)
WLB32ZC850..QM
862 mm (33.9 in)
932 mm (36.7 in)
WLB32ZC1130..QM
1144 mm (45.0 in)
1214 mm (47.8 in)
WLB32 Industrial LED Light Bar (AC)
6
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 176314 Rev. J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com