Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32ZC285..QM Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # WLB32ZC285..QM
Description  WLB32 Industrial LED Light Bar (AC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32ZC285..QM Datasheet(HTML) 3 Page - Banner Engineering Corp.

  WLB32ZC285..QM Datasheet HTML 1Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 2Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 3Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 4Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 5Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 6Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 7Page - Banner Engineering Corp. WLB32ZC285..QM Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Supply Protection Circuitry
Protected against transient voltages
Light Characteristics
Color: Daylight white
Color temperature (CCT): 5000K (±300K)
Lumen output: 750 (±5%) per foot, typical at 25 °C (77 °F)
CRI: 85 typical
Eye shield reduces lumens by approximately 25%
LED Lifetime
Lumen Maintenance - L70
When operating within specifications, output will decrease less than
30% after 50,000 hours.
Push Button
II = 100% light intensity
I = 50% light intensity
O = Standby
Models with Motion Detection
Light turns off after approximately 60 seconds without detecting
motion.
Range: 12 m; ±45° field of view
Standby current: 170 µA
Construction
Anodized aluminum housing; polycarbonate window and end caps;
stainless steel mounting brackets
Spacing Criterion
Vertical: 1.22
Horizontal: 1.32
Mounting
Snap clips; optional magnetic mount or swivel bracket accessories
available
Connections
Integral custom QD (connecting cordset required)
Environmental Rating
IEC IP50
Vibration and Mechanical Shock
Vibration 10-55 Hz 1.0 mm p-p amplitude per IEC60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC60068-2-27
Operating Temperature
–25 °C to +45 °C (–13 °F to 113 °F)
Models with Motion Detection: –20 °C to +45 °C (–4 °F to +113 °F)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Test Data
LM-79, LM-80, TM-21
Certifications
E476617
UL Listed only for
120 V ac, 60 Hz
UL Recognized for
easy installation in
control cabinets
Application Note
When connecting cascadable lights in series, do not exceed the
maximum unit limit of 10, regardless of light size, and do not
exceed a maximum wiring distance of 100 m (328 ft)
Spacing Criteria (SC)
The spacing criteria is the fixture-spacing-to-mounting-height ratio and aids in laying out a pattern of fixtures. Multiply the spacing
criteria by the mounting height to get the maximum fixture spacing that still provides even illumination (no shadowing between
fixtures).
Luminaire Spacing = SC × Height to Illuminated Plane
The mounting height is the distance from the fixture to the surface you are lighting.
Light Characteristics
180°
230
192
153
115
77
38
0
38
77
115
153
Center Beam (lux)
3682 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 101.5°
Horizontal Spread: 128.8°
0.4 m
0.7 m
0.8 m
1.4 m
1.2 m
2.1 m
Mount height of 1 meter (1 m)
1.6 m
2.8 m
1979 lux
825 lux
439 lux
2.0 m
3.5 m
345 lux
2.4 m
4.2 m
223 lux
Beam Width (m)
192
230
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
150 lux
125 lux
100 lux
75 lux
50 lux
25 lux
10 lux
5 lux
50% max.
candela
Figure 3. 285 mm Models
WLB32 Industrial LED Light Bar (AC)
P/N 176314 Rev. J
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com