Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32C285..Q Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLB32C285..Q
Description  WLB32 Industrial LED Light Bar (DC)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32C285..Q Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLB32C285..Q Datasheet HTML 1Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 2Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 3Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 4Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 5Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 6Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 7Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 8Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
Model without Motion
Detector
Model with Motion
Detector
Model with Eye
Shield and Motion
Detector
Banner’s WLB32 is an ultra-bright LED fixture that features an even light output
for a no glare ‘glow’. Suitable for a variety of environments and applications,
including work stations, machine lighting, control cabinets, and manufacturing
lines, the WLB32 uses advanced LED lighting technology to provide a high-
quality and maintenance free industrial lighting solution for years.
•
Highly energy efficient for overall cost savings
•
High/Low/Off switch
•
Models with eye shield block side glare
•
Daisy chain power to multiple lights
•
Motion detection models available
•
Metal housing, shatterproof window
•
Easy installation with snap clips, or a choice of magnetic or angle
brackets
WLB32 Industrial LED Light Bars are available as cascadable models that can be
"daisy-chained" together for a continuous length of lighting, with a minimum of
wiring. Each light bar can be turned to high, low, or off independently of the other
lights, upstream or downstream, in the chain. A double-ended accessory cordset
must be used between each pair of cascading lights.
12 to 30 V dc Models
Models
Lighted Length (mm)
Connector
Lumens
WLB32C285PBQ
285
4-pin M12 Quick Disconnect
750
WLB32C570PBQ
570
1500
WLB32C850PBQ
850
2250
WLB32C1130PBQ
1130
3000
WLB32C285PB
285
2 m (6.5 ft) cable
750
WLB32C570PB
570
1500
WLB32C850PB
850
2250
WLB32C1130PB
1130
3000
•
To order the light without the integral switch, omit the "PB" from the model number. For example, WLB32C285Q.
•
To order the light with the integral motion detector, replace the 'PB' from the model number with 'M'. For example, WLB32C285MQ.
•
To order the light with the eye shield, add an 'E' after the length. For example, WLB32C285EPBQ.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde www.bannerengineering.com
toda la documentación técnica de los WLB32 Industrial LED Light Bar (DC), disponibles en múltiples idiomas, para detalles del
uso adecuado, aplicaciones, advertencias, y las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation technique
complète des WLB32 Industrial LED Light Bar (DC) sur notre site www.bannerengineering.com pour les détails sur leur
utilisation correcte, les applications, les notes de sécurité et les instructions de montage.
Specifications
Supply Voltage
12 to 30 V dc
Use only with a suitable Class 2 power supply (UL) or SELV power supply (CE)
See electrical characteristics on product label
Supply Current
Light Length (mm)
Max Current Draw (A)
Typical Current Draw (A)
12 V dc
24 V dc
30 V dc
285
0.8
0.66
0.31
0.24
570
1.6
1.36
0.62
0.48
850
2.4
2.19
0.93
0.72
1130
3.2
3.02
1.24
0.96
WLB32 Industrial LED Light Bar (DC)
Original Document
176313 Rev. I
22 August 2019
176313


Similar Part No. - WLB32C285..Q

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLB32 BANNER-WLB32 Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
WLB32ZC1130..QM BANNER-WLB32ZC1130..QM Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
WLB32ZC1130PBQMB BANNER-WLB32ZC1130PBQMB Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
WLB32ZC285..QM BANNER-WLB32ZC285..QM Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
WLB32ZC285PBQMB BANNER-WLB32ZC285PBQMB Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
More results

Similar Description - WLB32C285..Q

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z2005 BETLUX-BL-AR1Z2005 Datasheet
64Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
LED Light Bar
logo
Banner Engineering Corp...
WLB32 BANNER-WLB32_V01 Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
WLB72B BANNER-WLB72B Datasheet
634Kb / 6P
WLB72B Industrial LED Light Bar (AC)
WLB92 BANNER-WLB92_V02 Datasheet
501Kb / 5P
WLB92 Industrial LED Light Bar (DC)
WLB92 BANNER-WLB92_V03 Datasheet
623Kb / 5P
WLB92 Industrial LED Light Bar (AC Conduit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com