Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32C285..Q Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLB32C285..Q
Description  WLB32 Industrial LED Light Bar (DC)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32C285..Q Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLB32C285..Q Datasheet HTML 1Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 2Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 3Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 4Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 5Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 6Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 7Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 8Page - Banner Engineering Corp. WLB32C285..Q Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Light Characteristics
Color: Daylight white
Color temperature (CCT): 5000K (±300K)
Lumen output: 750 (±5%) per foot, typical at 25 °C (77 °F)
Luminous efficacy: 100 lumens/Watt typical at 24 V dc at 25 °C (77 °F)
CRI: 85, typical
Eye shield reduces lumens by about 25%
LED Lifetime
Lumen Maintenance - L70
When operating within specifications, output will decrease less than 30% after 50,000
hours.
Push Button
II = 100% light intensity
I = 50% light intensity
O = Off
Models with Motion Detection
Light turns off after approximately 60 seconds without detecting motion.
Range: 12 meters; ±45° field of view
Standby current: 170 µA
Construction
Anodized aluminum housing; polycarbonate window and end caps; stainless steel
mounting brackets
Spacing Criterion
Vertical: 1.22
Horizontal: 1.32
Mounting
Snap clips; optional magnetic mount or swivel bracket accessories available
Connections
Integral 4-pin Euro-style QD (4-pin connecting cordset required for QD models); or 2 m
(6.5 ft) integral cable
Environmental Rating
IEC IP50
Vibration and Mechanical Shock
Vibration 10-55 Hz 1.0 mm p-p amplitude per IEC60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC60068-2-27
Operating Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Light output begins to decrease above 50 °C (122 °F) and will be approximately 65%
of max intensity at 60 °C (140 °F) and 30% of max intensity at 70 °C (158 °F)
Models with motion detection: –20 °C to +60 °C (–4 °F to +140 °F)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Test Data
LM-79, LM-80, TM-21
Certifications
E476617
UL Recognized for easy
installation in control cabinets.
Application Note
When connecting cascadable lights in series it is important not to exceed the
maximum current limitation of 4 Amps
Maximum length of light at 12 V dc: 1.4 m (4.6 ft)
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Maximum length of light at 30 V dc: 3.1 m (10.2 ft)
Spacing Criteria (SC)
The spacing criteria is the fixture-spacing-to-mounting-height ratio and aids in laying out a pattern of fixtures. Multiply the spacing criteria by the
mounting height to get the maximum fixture spacing that still provides even illumination (no shadowing between fixtures).
Luminaire Spacing = SC × Height to Illuminated Plane
The mounting height is the distance from the fixture to the surface you are lighting.
Light Characteristics
180°
230
192
153
115
77
38
0
38
77
115
153
Center Beam (lux)
3682 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 101.5°
Horizontal Spread: 128.8°
0.4 m
0.7 m
0.8 m
1.4 m
1.2 m
2.1 m
Mount height of 1 meter (1 m)
1.6 m
2.8 m
1979 lux
825 lux
439 lux
2.0 m
3.5 m
345 lux
2.4 m
4.2 m
223 lux
Beam Width (m)
192
230
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
150 lux
125 lux
100 lux
75 lux
50 lux
25 lux
10 lux
5 lux
50% max.
candela
Figure 1. 285 mm Models
WLB32 Industrial LED Light Bar (DC)
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 176313 Rev. I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com