Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32C570..Q Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # WLB32C570..Q
Description  WLB32 Industrial LED Light Bar (DC)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32C570..Q Datasheet(HTML) 4 Page - Banner Engineering Corp.

  WLB32C570..Q Datasheet HTML 1Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 2Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 3Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 4Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 5Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 6Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 7Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 8Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
3654 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 98.7°
Horizontal Spread: 102.8°
0.4 m
0.4 m
0.8 m
0.8 m
1.2 m
1.3 m
1.6 m
1.7 m
2024 lux
813 lux
442 lux
2.0 m
2.1 m
345 lux
2.3 m
2.5 m
250 lux
Beam Width (m)
Vert.
Horiz.
Mount height of 1 meter (1 m)
2
2
2
1
1
1
0 m
0 m
1
2
150 lux
125 lux
100 lux
75 lux
50 lux
25 lux
10 lux
5 lux
50% max.
candela
180°
250
208
167
125
83
42
0
42
83
125
167
208
250
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Vertical Angle:
0° Vertical
90° Horizontal
Figure 5. 285 mm Models with Eye Shields
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
5334 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 83.5°
Horizontal Spread: 97.0°
0.3 m
0.4 m
0.6 m
0.8 m
0.9 m
1.1 m
1.2 m
1.5 m
3313 lux
1595 lux
884 lux
1.5 m
1.9 m
706 lux
1.8 m
2.3 m
484 lux
Beam Width (m)
Vert.
Horiz.
Mount height of 1 meter (1 m)
2
2
2
1
1
1
0 m
0 m
1
2
300 lux
250 lux
200 lux
150 lux
100 lux
50 lux
25 lux
10 lux
50% max.
candela
180°
500
417
333
250
167
83
0
83
167
250
333
417
500
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Vertical Angle:
0° Vertical
90° Horizontal
Figure 6. 570 mm Models with Eye Shields
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
5533 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 81.4°
Horizontal Spread: 114.2°
0.3 m
0.5 m
0.6 m
1.0 m
0.9 m
1.6 m
1.2 m
2.1 m
3460 lux
1815 lux
1096 lux
1.4 m
2.6 m
896 lux
1.7 m
3.1 m
623 lux
Beam Width (m)
Vert.
Horiz.
Mount height of 1 meter (1 m)
2
2
2
1
1
1
0 m
0 m
1
2
450 lux
375 lux
300 lux
225 lux
150 lux
75 lux
25 lux
10 lux
50% max.
candela
180°
630
525
420
315
210
105
0
105
210
315
420
525
630
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Vertical Angle:
0° Vertical
90° Horizontal
Figure 7. 850 mm Models with Eye Shields
WLB32 Industrial LED Light Bar (DC)
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 176313 Rev. I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com