Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLB32C570..Q Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # WLB32C570..Q
Description  WLB32 Industrial LED Light Bar (DC)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB32C570..Q Datasheet(HTML) 5 Page - Banner Engineering Corp.

  WLB32C570..Q Datasheet HTML 1Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 2Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 3Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 4Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 5Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 6Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 7Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 8Page - Banner Engineering Corp. WLB32C570..Q Datasheet HTML 9Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Center Beam (lux)
5733 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 83.8°
Horizontal Spread: 124.8°
0.3 m
0.6 m
0.6 m
1.3 m
0.9 m
1.9 m
1.2 m
2.6 m
3904 lux
2203 lux
1390 lux
1.5 m
3.2 m
1139 lux
1.8 m
3.8 m
806 lux
Beam Width (m)
Vert.
Horiz.
Mount height of 1 meter (1 m)
2
2
2
1
1
1
0 m
0 m
1
2
600 lux
500 lux
400 lux
300 lux
200 lux
100 lux
50 lux
25 lux
50% max.
candela
180°
820
683
547
410
273
137
0
137
273
410
547
683
820
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Vertical Angle:
0° Vertical
90° Horizontal
Figure 8. 1130 mm Models with Eye Shields
Wiring
Wiring
Pinouts (Female and Male)
Wiring Key
Switch Models
1
3
12–30 V dc
+
−
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
3 = Blue
Non-Switch and
Motion Detector
Models
12–30 V dc
–
+
3
1
4
+
1 = Brown, connect for 100% intensity
3 = Blue
4 = Black*
* For models without motion detection, connect the black wire
to 12 to 30 V dc for 50% maximum intensity. For models with
motion detection, connect the black wire to 12 to 30 V dc to
bypass the motion detector switch.
WLB32 Industrial LED Light Bar (DC)
P/N 176313 Rev. I
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com