Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Dual Color LED Strip Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
For complete technical information about this product, including installation instructions, application requirements and guidelines, EU Declaration of
Conformity, technical specifications, and accessories, see
www.bannerengineering.com and search for 186598.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde www.bannerengineering.com
toda la documentación técnica de los WLS27 Dual Color LED Strip Light, disponibles en múltiples idiomas, para detalles del
uso adecuado, aplicaciones, advertencias, y las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation technique
complète des WLS27 Dual Color LED Strip Light sur notre site www.bannerengineering.com pour les détails sur leur utilisation
correcte, les applications, les notes de sécurité et les instructions de montage.
Models
WLS27
X
W
285
D
Q
Connector
Window
Lighted
Length (mm)
Colors (C) / Density (D)
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Daylight white
B = Blue
G = Green
R = Red
Y = Yellow
145
285
430
570
710
850
990
1130
D = Diffused plastic
Q = 4-pin M12/Euro-Style QD
(mating cordset required)
C1
D1
R
C2
D2
Blank = 100%
2 = 50%
3 = 33%
—
S
Construction
S = Sealed
H = Heavy diffused plastic
Wiring Diagrams
Male
Female
Pin
Wire Color
Connection
1
4
3
2
2
3
4
1
1
brown
Color 1: 12 to 30 V dc
3
blue
dc common
4
black
Color 2: 12 to 30 V dc (color 2 overrides color 1)
2
white
Not used
Specifications
Supply Voltage
12 V dc to 30 V dc
Use only with suitable Class 2 power supply (UL) or SELV power supply (CE)
See electrical characteristics on product label
Light Length (mm)
Typical Current (A)
Max. Current
12 V dc
24 V dc
30 V dc
A
145
0.33
0.15
0.12
0.4
285
0.66
0.30
0.24
0.8
430
1.01
0.46
0.36
1.2
570
1.36
0.61
0.48
1.6
710
1.75
0.77
0.60
2.0
850
2.13
0.92
0.73
2.4
990
2.59
1.08
0.85
2.8
1130
3.04
1.24
0.97
3.2
Mounting
Bracket LMBWLS27EC included (2 for lights up to 570 mm or 3 for lights 710 mm and
longer)
Construction
Copolyester outer housing
Connections
Integral 4-pin M12/Euro-style male quick disconnect
Models with a quick disconnect require a mating cordset
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC 60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC 60068-2-27
Operating Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Light output begins to decrease above 50 °C (122 °F) and will be approximately 65%
of max intensity at 60 °C (140 °F) and 30% of max intensity at 70 °C (158 °F)
WLS27 Dual Color LED Strip Light
Original Document
189557 Rev. G
30 August 2019
189557


Similar Part No. - WLS27

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
567Kb / 8P
WLS27 LED Strip Light
More results

Similar Description - WLS27

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-R5-200 BETLUX-TLS-R5-200 Datasheet
122Kb / 2P
LED strip light, Mono color, 5mm LEDs
REV NO: V.2
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V02 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27_V03 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27_V04 Datasheet
173Kb / 2P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V05 Datasheet
674Kb / 8P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V06 Datasheet
567Kb / 8P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
WLS28-2 BANNER-WLS28-2_V02 Datasheet
710Kb / 5P
WLS28-2 Dual Color LED Strip Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com