Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Dual Color LED Strip Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Notes
When connecting cascadable lights in series it is important not to exceed maximum
current limitations:
Maximum length of light at 12 V dc: 1.4 m (4.6 ft)
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Maximum length of light at 30 V dc: 3.1 m (10.2 ft)
Environmental Rating
Rated IEC IP66, IEC IP67, and IP69K per DIN 40050-9
Note: Do not spray cable with high-pressure sprayer,
or cable damage will result.
Certifications
D
Dimensions
16.8
[.66]
17.6
[.69]
27.0
[1.06]
17.6
[.69]
16.8
[.66]
M12 X 1
L1
L2
L3
Figure 1. Quick Disconnect Models
27.0
[1.06]
16.8
[.66]
17.6
[.69]
16.8
[.66]
17.6
[.69]
M12 X 1
M12 X 1
L4
Figure 2. Cascade Models
Models
L1
L2
L3
L4
WLS27..145..
145 mm (5.7 in)
189 mm (7.4 in)
208.5 mm (8.2 in)
217 mm (8.5 in)
WLS27..285..
286 mm (11.3 in)
330 (13 in)
349.5 mm (13.8 in)
358 mm (14.1 in)
WLS27..430..
427 mm (16.8 in)
471 mm (18.5 in)
490.5 mm (13.3 in)
499 mm (19.6 in)
WLS27..570..
569 mm (22.4 in)
612 mm (24.1 in)
631.5 mm (24.9 in)
640 mm (25.2 in)
WLS27..710..
708 mm (27.9 in)
752 mm (29.6 in)
771.5 mm (30.4 in)
780 mm (30.7 in)
WLS27..850..
849 mm (33.4 in)
893 mm (35.2 in)
912.5 mm (35.9 in)
921 mm (36.2 in)
WLS27..990..
991 mm (39 in)
1035 mm (40.8 in)
1054.5 mm (41.5 in)
1063 mm (41.8 in)
WLS27..1130..
1120 mm (44.1 in)
1164 mm (45.8 in)
1183.5 mm (46.4 in)
1192 mm (46.9 in)
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or replace, free of charge,
any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability for misuse, abuse, or the
improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER
PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR
FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by Banner
Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not intended for such
purposes will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product warranties. All specifications published in this
document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time. Specifications and product information in English supersede that which is
provided in any other language. For the most recent version of any documentation, refer to:
www.bannerengineering.com.
For patent information, see
www.bannerengineering.com/patents.
Mexican Importer
Banner Engineering de Mèxico, S. de R.L. de C.V.
David Alfaro Siqueiros 103 Piso 2 Valle oriente
San Pedro Garza Garcia Nuevo Leòn, C. P. 66269
81 8363.2714
WLS27 Dual Color LED Strip Light
© Banner Engineering Corp. All rights reserved



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com