Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Dual Color LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Instruction Manual
Banner's WLS27 LED Strip Light has a sturdy aluminum housing and is encased in a shatterproof, UV-stabilized, copolyester shell,
making it ideal for harsh indoor and outdoor applications. Having two colors in one device make these ideal for mobile vehicle,
machine status, and vision lighting applications.
•
Rugged, water-resistant IP69K per DIN 40050-9 rating
•
Available in eight lengths from 145 mm to 1130 mm
•
Daisy chain power to multiple lights
•
Automatic temperature protection built into the unit. Above 50 °C, the light dims to manage heat and protect product
lifetime.
Stand-Alone Light or End Light in a Cascade
First or Middle of a Cascade
These Work Light Strips are available as either stand-along models, or as cascade models that can be "daisy-chained" together for
a continuous length of lighting, with a minimum of wiring.
Stand-alone models have a male quick disconnect at one end of power connection and no connections at opposite end. A stand-
alone model may be used as the last in the cascade series.
Cascade models have a male quick disconnect at one end of power connection, and a female QD at the opposite end for
connecting to other lights in the cascade. A double-ended accessory cordset must be used between each pair of lights in a
cascade.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde
www.bannerengineering.com toda la documentación técnica de los WLS27 LED Strip Light, disponibles en
múltiples idiomas, para detalles del uso adecuado, aplicaciones, advertencias, y las instrucciones de
instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation
technique complète des WLS27 LED Strip Light sur notre site www.bannerengineering.com pour les détails sur
leur utilisation correcte, les applications, les notes de sécurité et les instructions de montage.
Models
WLS27
X
W
285
D
Q
Connector
Window
Lighted
Length (mm)
Colors (C) / Density (D)
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Daylight white
B = Blue
G = Green
R = Red
Y = Yellow
145
285
430
570
710
850
990
1130
D = Diffused plastic
Q = 4-pin M12/Euro-Style QD
(mating cordset required)
C1
D1
R
C2
D2
Blank = 100%
2 = 50%
3 = 33%
—
S
Construction
S = Sealed
H = Heavy diffused plastic
Density (D) is defined by the quantity of LEDs populated on the circuit. For example, at 100% density, there are 18 LEDs per 285
mm, and at 50% density, there are 9 LEDs per 285 mm. The lumen output decreases proportionally with density.
Sample Model
Description
WLS27XWR-285DSQ
Non Cascade, White (100% Density), Red (100% Density), 285 mm, 4-pin M12/Euro-style quick disconnect connector
WLS27CWR-850DSQ
Cascadable, White (100% Density), Red (100% Density), 850 mm, 4-pin M12/Euro-style quick disconnect connector
WLS27XWR2-285DSQ
Non-Cascade, White (100% Density), Red (50% Density), 285 mm, 4-pin M12/Euro-style quick disconnect connector
WLS27 Dual Color LED Strip Light
Original Document
186598 Rev. I
30 August 2019
186598


Similar Part No. - WLS27

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
More results

Similar Description - WLS27

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-R5-200 BETLUX-TLS-R5-200 Datasheet
122Kb / 2P
LED strip light, Mono color, 5mm LEDs
REV NO: V.2
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V01 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V02 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27_V03 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27_V04 Datasheet
173Kb / 2P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V06 Datasheet
567Kb / 8P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
WLS28-2 BANNER-WLS28-2_V02 Datasheet
710Kb / 5P
WLS28-2 Dual Color LED Strip Light
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com