Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 Dual Color LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wiring Diagrams
Male
Female
Pin
Wire Color
Connection
1
4
3
2
2
3
4
1
1
brown
Color 1: 12 to 30 V dc
3
blue
dc common
4
black
Color 2: 12 to 30 V dc (color 2 overrides color 1)
2
white
Not used
Specifications
Supply Voltage
12 V dc to 30 V dc
Use only with suitable Class 2 power supply (UL) or a SELV power supply
(CE)
See electrical characteristics on product label
Light Length
(mm)
Typical Current (A)
Max.
Current
12 V dc
24 V dc
30 V dc
A
145
0.33
0.15
0.12
0.4
285
0.66
0.30
0.24
0.8
430
1.01
0.46
0.36
1.2
570
1.36
0.61
0.48
1.6
710
1.75
0.77
0.60
2.0
850
2.13
0.92
0.73
2.4
990
2.59
1.08
0.85
2.8
1130
3.04
1.24
0.97
3.2
Operating Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Light output begins to decrease above 50 °C (122 °F) and will be
approximately 65% of max intensity at 60 °C (140 °F) and 30% of max
intensity at 70 °C (158 °F)
Environmental Rating
Rated IEC IP66, IEC IP67, and IP69K per DIN 40050-9
Note: Do not spray cable with high-pressure
sprayer, or cable damage will result.
Application Notes
When connecting cascadable lights in series it is important not to exceed
maximum current limitations:
Maximum length of light at 12 V dc: 1.4 m (4.6 ft)
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Maximum length of light at 30 V dc: 3.1 m (10.2 ft)
Light Characteristics - Daylight White
Color Temperature (CCT): 4700–5300K
Lumen output: 475 (± 5%) per 285 mm, typical at 25 °C (77 °F)
CRI: 83, typical
Light Characteristics - Other Colors
Color
Typical Wavelength or Color
Temperature
Typical Intensity (per 285 mm)
Red
625 nm
200
Yellow
590 nm
150
Green
525 nm
300
Blue
470 nm
110
Construction
Copolyester outer housing
Mounting
Bracket LMBWLS27EC included (2 for lights up to 570 mm or 3 for lights
710 mm and longer)
Connections
Integral 4-pin M12/Euro-style male quick disconnect
Models with a quick disconnect require a mating cordset
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC
60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC 60068-2-27
Certifications
D
Dimensions
16.8
[.66]
17.6
[.69]
27.0
[1.06]
17.6
[.69]
16.8
[.66]
M12 X 1
L1
L2
L3
Figure 1. Quick Disconnect Models
27.0
[1.06]
16.8
[.66]
17.6
[.69]
16.8
[.66]
17.6
[.69]
M12 X 1
M12 X 1
L4
Figure 2. Cascade Models
WLS27 Dual Color LED Strip Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 186598 Rev. I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com