Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Instruction Manual
Banner's WLS27 LED Strip Light has a sturdy aluminum housing and is encased in a shatterproof, UV-stabilized, copolyester shell, making it ideal
for harsh indoor and outdoor applications.
•
Low-profile, space-saving design
•
Rugged, water-resistant IP69K option
•
Available in eight lengths from 145 mm to 1130 mm
•
Daisy chain power to multiple lights
•
Optional snap clips for easy installation and repositioning
•
Capability to dim lights using the wiring pinout (Hi/Lo/Off)
•
Automatic temperature protection built into the unit. Above 50 °C, the light dims to manage heat and protect product lifetime
Stand-Alone Light or End Light in a Cascade—QD
First or Middle of a Cascade—QD
These Work Light Strips are available as either stand-alone models, or as cascade models that can be "daisy-chained" together for a continuous
length of lighting, with a minimum of wiring.
Stand-alone models have a male quick disconnect (QD) at one end for power connection and no connections at opposite end. A stand-alone model
may be used as the last in the cascade series.
Cascade models have a male quick disconnect (QD) at one end for power connection, and a female QD at the opposite end for connecting to other
lights in the cascade. A double-ended accessory cordset must be used between each pair of lights in a cascade.
Use single-ended cordsets between the power source and the QD connection of a stand-alone light or the first light in a cascade. Use double-ended
cordsets between lights in a cascade.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde www.bannerengineering.com
toda la documentación técnica de los WLS27 LED Strip Light, disponibles en múltiples idiomas, para detalles del uso
adecuado, aplicaciones, advertencias, y las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation technique
complète des WLS27 LED Strip Light sur notre site www.bannerengineering.com pour les détails sur leur utilisation correcte,
les applications, les notes de sécurité et les instructions de montage.
Models
WLS27
Connector
Window
Lighted
Length (mm)
LED Color
Cascadable
Family
C = Cascadable
X = Non-cascadable
W = Cool white
WW = Warm white
R = Red
G = Green
B = Blue
Y = Yellow
145
285
430
570
710
850
990
1130
D = Diffused plastic
Q = Integral 4-pin M12 QD
(mating cordset required)
C
W
145
D
Q
Construction
S
S = Sealed
Models
Lighted Length
Power Connector
Stand-Alone
Cascade
WLS27XW145DSQ
WLS27CW145DSQ
145 mm
Integral 4-pin M12/Euro-style quick disconnect
WLS27XW285DSQ
WLS27CW285DSQ
285 mm
WLS27XW430DSQ
WLS27CW430DSQ
430 mm
WLS27XW570DSQ
WLS27CW570DSQ
570 mm
WLS27XW710DSQ
WLS27CW710DSQ
710 mm
WLS27XW850DSQ
WLS27CW850DSQ
850 mm
WLS27XW990DSQ
WLS27CW990DSQ
990 mm
WLS27XW1130DSQ
WLS27CW1130DSQ
1130 mm
WLS27 LED Strip Light
Original Document
185590 Rev. G
27 August 2019
185590


Similar Part No. - WLS27

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
More results

Similar Description - WLS27

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
logo
Banner Engineering Corp...
WLS27 BANNER-WLS27 Datasheet
233Kb / 3P
WLS27 LED Strip Light - PWM Dimmable
WLS27 BANNER-WLS27_V01 Datasheet
171Kb / 2P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V02 Datasheet
597Kb / 5P
WLS27 Segmented LED Strip Light
WLS27 BANNER-WLS27_V03 Datasheet
177Kb / 3P
WLS27 Multicolor LED Strip Light with EZSTATUS
WLS27 BANNER-WLS27_V04 Datasheet
173Kb / 2P
WLS27 LED Strip Light
WLS27 BANNER-WLS27_V05 Datasheet
674Kb / 8P
WLS27 Dual Color LED Strip Light
WLS27 BANNER-WLS27_V08 Datasheet
620Kb / 8P
WLS27 LED Strip Light - PWM Dimmable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com