Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLS27 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLS27
Description  WLS27 LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLS27 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLS27 Datasheet HTML 1Page - Banner Engineering Corp. WLS27 Datasheet HTML 2Page - Banner Engineering Corp. WLS27 Datasheet HTML 3Page - Banner Engineering Corp. WLS27 Datasheet HTML 4Page - Banner Engineering Corp. WLS27 Datasheet HTML 5Page - Banner Engineering Corp. WLS27 Datasheet HTML 6Page - Banner Engineering Corp. WLS27 Datasheet HTML 7Page - Banner Engineering Corp. WLS27 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications
Supply Voltage
12 to 30 V dc
Use only with a suitable Class 2 power supply (UL) or SELV power supply (CE)
Light Length
Typical Current
Max. Current
Lumens (Typical at 25 °C)
12 V dc
24 V dc
30 V dc
A
Cool White
Warm White
Green
Red
Yellow
Blue
145 mm
0.33 A
0.15 A
0.12 A
0.4
400
400
180
55
50
40
285 mm
0.66 A
0.30 A
0.24 A
0.8
800
800
360
110
100
80
430 mm
1.01 A
0.46 A
0.36 A
1.2
1200
1200
540
165
150
120
570 mm
1.36 A
0.61 A
0.48 A
1.6
1600
1600
720
220
200
160
710 mm
1.75 A
0.77 A
0.60 A
2.0
2000
2000
900
275
250
200
850 mm
2.13 A
0.92 A
0.73 A
2.4
2400
2400
1080
330
300
240
990 mm
2.59 A
1.08 A
0.85 A
2.8
2800
2800
1260
385
350
280
1130 mm
3.04 A
1.24 A
0.97 A
3.2
3200
3200
1440
440
400
320
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Light Characteristics
Cool white
Color Temperature (CCT): 6500K (+500K, -400K)
Lumen output: 800 (± 5%) per foot, typical at 25 °C (77 °F)
Luminous efficacy: 110 lumens/Watt typical at 24 V dc at 25 °C (77 °F)
CRI: 85, typical
Warm white: 3000K (+200K, -100K)
Green: 525 nm
Red: 618 nm
Yellow: 590 nm
Blue: 460 nm
LED Lifetime
Lumen Maintenance - L70
When operating within specifications, output will decrease less than 30% after 75,000
hours.
Construction
Clear anodized aluminum housing; FDA-grade copolyester outer housing
Mounting
Bracket LMBWLS27EC included (2 for lights up to 570 mm or 3 for lights 710 mm and
longer)
Connections
Integral 4-pin M12/Euro-style quick disconnect (4-pin connecting cordset required)
Application Note
When connecting cascadable lights in series at 100% intensity, it is important not to
exceed maximum current limitations:
Maximum length of light at 12 V dc: 1.4 m (4.6 ft)
Maximum length of light at 24 V dc: 3.0 m (9.8 ft)
Maximum length of light at 30 V dc: 3.1 m (10.2 ft)
At 50% intensity, double the lengths.
Certifications
D
Note: Do not spray cable with high-pressure
sprayer, or cable damage will result.
Environmental Rating
Rated IEC IP66, IEC IP67, and IP69K per DIN 40050-9
Operating Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Light output begins to decrease above 50 °C (122 °F) and will be approximately 65%
of max intensity at 60 °C (140 °F) and 30% of max intensity at 70 °C (158 °F)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Vibration 10-55 Hz 1.0 mm p-p amplitude per IEC 60068-2-6
Shock 15G 11 ms duration, half sine wave per IEC 60068-2-27
Performance
Optical data shown below is for cool white only. To get lux and candela values for other colors, multiply the values shown on the charts by the
following factors:
Warm White:
1.000
Green:
0.450
Red:
0.138
Yellow:
0.125
Blue:
0.100
WLS27 LED Strip Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 185590 Rev. G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com