Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1815CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1815CS8
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1815CS8 Datasheet HTML 6Page - Linear Technology LT1815CS8 Datasheet HTML 7Page - Linear Technology LT1815CS8 Datasheet HTML 8Page - Linear Technology LT1815CS8 Datasheet HTML 9Page - Linear Technology LT1815CS8 Datasheet HTML 10Page - Linear Technology LT1815CS8 Datasheet HTML 11Page - Linear Technology LT1815CS8 Datasheet HTML 12Page - Linear Technology LT1815CS8 Datasheet HTML 13Page - Linear Technology LT1815CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1815
LT1816/LT1817
181567fa
Supply Current
vs Programming Resistor
TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rate vs Input Step
INPUT STEP (VP-P)
0
300
900
1800
2
4
5
181567 G24
600
1500
1200
1
3
6
78
TA =25°C
AV = –1
VS = ±5V
RF = RG = RL = 500Ω
SR–
SR+
Differential Gain and Phase
vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
4
0
0.02
0.06
0.08
0.10
6
8
181567 G26
0.04
0.12
0
0.02
0.06
0.08
0.10
0.04
TA = 25°C
10
12
DIFFERENTIAL GAIN
RL = 150Ω
DIFFERENTIAL PHASE
RL = 150Ω
Slew Rate vs Temperature
TEMPERATURE (
°C)
–50
1600
2000
2400
25
75
181567 G25
1200
800
–25
0
50
100
125
400
0
SR+
VS = ±5V
SR–
VS = ±5V
SR+
VS = ±2.5V
SR–
VS = ±2.5V
AV = –1
RF = RG = RL = 500Ω
(NOTE 5)
Gain Bandwidth Product
vs Programming Resistor
Distortion vs Frequency, AV = 2
FREQUENCY (Hz)
–100
–70
–80
–90
–30
–40
–50
–60
181567 G28
100k
10M
1M
2ND HARMONIC
3RD HARMONIC
AV = 2
VS = ±5V
VO = 2VP-P
RL = 100Ω
FREQUENCY (Hz)
–100
–70
–80
–90
–30
–40
–50
–60
181567 G29
100k
10M
1M
2ND HARMONIC
3RD HARMONIC
AV = –1
VS = ±5V
VO = 2VP-P
RL = 100Ω
FREQUENCY (Hz)
–100
–70
–80
–90
–30
–40
–50
–60
181567 G30
100k
10M
1M
2ND HARMONIC
3RD HARMONIC
AV = 1
VS = ±5V
VO = 2VP-P
RL = 100Ω
Distortion vs Frequency, AV = –1
Distortion vs Frequency, AV = 1
RSET PROGRAMMING RESISTOR (Ω)
2
4
6
7
10
1k
10k
40k
181567 F03
0
100
5
3
1
VS = ±5V
TA = 25°C
PER AMPLIFIER
RSET PROGRAMING RESISTOR (Ω)
50
100
150
200
250
10
1k
10k
40k
181567 F02
0
100
VS = ±5V
TA = 25°C
RL = 500Ω
RL = 100Ω
Slew Rate vs Supply Voltage
SUPPLY VOLTAGE (
±V)
0
400
600
2
4
5
181567 G23
800
1000
1200
1
3
6
7
TA =25°C
AV = –1
VIN = 2VP-P
RF = RG = RL = 500Ω
SR+
SR–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com