Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1815CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1815CS8
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1815CS8 Datasheet HTML 8Page - Linear Technology LT1815CS8 Datasheet HTML 9Page - Linear Technology LT1815CS8 Datasheet HTML 10Page - Linear Technology LT1815CS8 Datasheet HTML 11Page - Linear Technology LT1815CS8 Datasheet HTML 12Page - Linear Technology LT1815CS8 Datasheet HTML 13Page - Linear Technology LT1815CS8 Datasheet HTML 14Page - Linear Technology LT1815CS8 Datasheet HTML 15Page - Linear Technology LT1815CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1815
LT1816/LT1817
181567fa
APPLICATIO S I FOR ATIO
Layout and Passive Components
As with all high speed amplifiers, the LT1815/LT1816/
LT1817 require some attention to board layout. A ground
plane is recommended and trace lengths should be mini-
mized, especially on the negative input lead.
Low ESL/ESR bypass capacitors should be placed directly
at the positive and negative supply (0.01
µF ceramics are
recommended). For high drive current applications, addi-
tional 1
µF to 10µF tantalums should be added.
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input combine with the
input capacitance to form a pole that can cause peaking or
even oscillations. If feedback resistors greater than 1k are
used, a parallel capacitor of value:
CF > RG • CIN/RF
should be used to cancel the input pole and optimize
dynamic performance. For applications where the DC
noise gain is 1 and a large feedback resistor is used, CF
should be greater than or equal to CIN. An example would
be an I-to-V converter.
Input Considerations
The inputs of the LT1815/LT1816/LT1817 amplifiers are
connected to the base of an NPN and PNP bipolar transis-
tor in parallel. The base currents are of opposite polarity
and provide first-order bias current cancellation. Due to
variation in the matching of NPN and PNP beta, the
polarity of the input bias current can be positive or
negative. The offset current, however, does not depend
on beta matching and is tightly controlled. Therefore, the
use of balanced source resistance at each input is recom-
mended for applications where DC accuracy must be
maximized. For example, with a 100
Ω source resistance
at each input, the 800nA maximum offset current results
in only 80
µV of extra offset, while without balance the 8µA
maximum input bias current could result in a 0.8mV offset
contribution.
The inputs can withstand differential input voltages of up
to 6V without damage and without needing clamping or
series resistance for protection. This differential input
voltage generates a large internal current (up to 80mA),
which results in the high slew rate. In normal transient
closed-loop operation, this does not increase power
dissipation significantly because of the low duty cycle of
the transient inputs. Sustained differential inputs, how-
ever, will result in excessive power dissipation and there-
fore this device should not be used as a comparator
.
Capacitive Loading
The LT1815/LT1816/LT1817 are optimized for high band-
width and low distortion applications. They can drive a
capacitive load of 10pF in a unity-gain configuration and
more with higher gain. When driving a larger capacitive
load, a resistor of 10
Ω to 50Ω should be connected
between the output and the capacitive load to avoid ringing
or oscillation. The feedback should still be taken from the
output so that the resistor will isolate the capacitive load
to ensure stability.
Slew Rate
The slew rate of the LT1815/LT1816/LT1817 is proportional
to the differential input voltage. Therefore, highest slew rates
are seen in the lowest gain configurations. For example, a
5V output step in a gain of 10 has a 0.5V input step, whereas
in unity gain there is a 5V input step. The LT1815/LT1816/
LT1817 are tested for a slew rate in a gain of – 1. Lower
slew rates occur in higher gain configurations.
Programmable Supply Current
(LT1815/LT1816A)
In order to operate the LT1815S6 or LT1816A at full speed
(and full supply current), connect the ISET pin to the
negative supply through a resistance of 75
Ω or less.
To adjust or program the supply current and speed of the
LT1815S6 or LT1816A, connect an external resistor (RSET)
between the ISET pin and the negative supply as shown in
Figure 1. The amplifiers are fully functional with 0
≤ RSET
≤ 40k. Figures 2 and 3 show how the gain bandwidth and
supply current vary with the value of the programming
resistor RSET. In addition, the Electrical Characteristics
section of the data sheet specifies maximum supply
current and offset voltage, as well as minimum gain
bandwidth and output current at the maximum RSET value
of 40k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com