Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS27DBB0710C Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # HLS27DBB0710C
Description  HLS27 Hazardous Location LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

HLS27DBB0710C Datasheet(HTML) 4 Page - Banner Engineering Corp.

  HLS27DBB0710C Datasheet HTML 1Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 2Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 3Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 4Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 5Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 6Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 7Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Specifications
Supply Voltage
12 V dc to 30 V dc
Use only with suitable Class 2 power supply
Light Length
Typical Current
Max. Current
12 V dc
24 V dc
30 V dc
A
145 mm
0.33 A
0.15 A
0.12 A
0.4
285 mm
0.66 A
0.30 A
0.24 A
0.8
430 mm
1.01 A
0.46 A
0.36 A
1.2
570 mm
1.36 A
0.61 A
0.48 A
1.6
710 mm
1.75 A
0.77 A
0.60 A
2.0
850 mm
2.13 A
0.92 A
0.73 A
2.4
990 mm
2.59 A
1.08 A
0.85 A
2.8
1130 mm
3.04 A
1.24 A
0.97 A
3.2
Environmental Rating
IEC IP66, IEC IP67
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Pulse Width Modulation (PWM Models Only)
Frequency: Up to 1000 Hz
Voltage: 8 V dc to 30 V dc
Current: 4 mA maximum per foot
LED Lifetime
Lumen Maintenance - L70
When operating within specifications, output will decrease less than 30% after 50,000
hours
Construction
Clear anodized aluminum housing; UV stabilized polycarbonate outer housing
Mounting
Bracket kit LMBHLS27S included (2 brackets for use with HLS27 Hazardous Location
LED Strip Light)
Optional bracket kit LMBHLS27O (2 brackets and hardware for use with HLS27
Hazardous Location LED Strip Light)
Connections
2 m (6.3 ft) long, 6.3 mm (0.25 inch) diameter ITC-ER cable with unterminated leads;
pressured EX60 jacket (type ST2 per IEC 60092-360:2014), paper separator, filler as
needed, compliant with 60332-3-22; UL TC-ERDB, ITC, PLTC, ERDB, IEEE
1580-2010, ABS
Operating Temperature
For NEC & CEC applications: –40 °C to +60 °C (–40 °F to +140 °F)
For ATEX/IECEx applications: –40 °C to +50 °C (–40 °F to +122 °F)
90% maximum relative humidity (non-condensing)
Light output begins to decrease above 50 °C (122 °F) and will be approximately 65%
of maximum intensity of 60 °C (140 °F)
Storage Temperature: –40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC 60068-2-6
Shock: 15G 11 ms duration, half sine wave per IEC 60068-2-27
Approvals
NEC and CEC:
–40°C ≤ Ta ≤ +60°C
Gas & Vapors: Class I Zone 2 IIC T4 / Class I Div 2 Groups ABCD T4
Dust: Class II Zone 22 IIIC T100°C / Class II Div 2 Groups FG T5
Fibers: Class III Div 1 and Div 2 T5
ATEX/IECEX:
–40°C ≤ Ta ≤ +50°C
Gas & Vapors: II 3 G Ex ec IIC T4 Gc (Group IIC Zone 2)
Dust: II 3 D Ex tc IIIC T85°C Dc (Group IIIC Zone 22)
UL/cULus E467619
IECEx UL 18.0115X : DEMKO 18 ATEX
2122X
1725
Light Characteristics – Single Color Models
Cool White Efficacy: 104 lumens/Watt typical at 24 V dc at 25 °C (77 °F)
CRI: 85, typical
Color
Dominant Wavelength (nm) or
Color Temperature
Lighted Length Lumens (Typical at 25 °C)
145 mm
285 mm
430 mm
570 mm
710 mm
850 mm
990 mm
1130 mm
Cool White
6500 K (+ 600 K/- 500 K)
375
750
1125
1500
1875
2250
2625
3000
Warm White
3000 K (+ 250 K/- 150 K)
375
750
1125
1500
1875
2250
2625
3000
Green
525 nm
205
410
615
820
1025
1230
1435
1640
Red
618 nm
65
130
195
260
325
390
455
520
Yellow
590 nm
55
110
165
220
275
330
385
440
Blue
460 nm
45
90
135
180
225
270
315
360
Light Characteristics – Dual Color Models
Daylight White Efficacy: 76 lumens/Watt typical at 24 V dc at 25 °C (77 °F)
CRI: 83, typical
Color
Dominant Wavelength (nm) or
Color Temperature
Lighted Length Lumens (Typical at 25 °C)
145 mm
285 mm
430 mm
570 mm
710 mm
850 mm
990 mm
1130 mm
Daylight White
5000 K (± 300 K)
275
550
825
1100
1375
1650
1925
2200
Green
525 nm
175
350
525
700
875
1050
1225
1400
Red
625 nm
115
230
345
460
575
690
805
920
Yellow
590 nm
85
170
255
340
425
510
595
680
Blue
470 nm
65
130
195
260
325
390
455
520
HLS27 Hazardous Location LED Strip Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 197949 Rev. B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com