Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLS27DBB0710C Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # HLS27DBB0710C
Description  HLS27 Hazardous Location LED Strip Light
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

HLS27DBB0710C Datasheet(HTML) 5 Page - Banner Engineering Corp.

  HLS27DBB0710C Datasheet HTML 1Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 2Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 3Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 4Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 5Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 6Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 7Page - Banner Engineering Corp. HLS27DBB0710C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dimensions
27.80
[1.094]
18.53
[0.73]
2X Ø 36.27
[1.428]
2X Ø 38.10
[1.5]
L1
L2
L3
Model
L1
L2
L3
HLS27..0145..
141 mm (5.6 in)
198 mm (7.8 in)
229 mm (9 in)
HLS27..0285..
282 mm (11.1 in)
339 mm (13.4 in)
370 mm (14.6 in)
HLS27..0430..
423 mm (16.7 in)
480 mm (18.9 in)
511 mm (20.1 in)
HLS27..0570..
564 mm (22.2 in)
621 mm (24.5 in)
652 mm (25.7 in)
HLS27..0710..
705 mm (27.8 in)
762 mm (30 in)
794 mm (31.2 in)
HLS27..0850..
846 mm (33.3 in)
903 mm (35.6 in)
934 mm (36.8 in)
HLS27..0990..
987 mm (38.9 in)
1044 mm (41.1 in)
1075 mm (42.3 in)
HLS27..1130..
1128 mm (44.4 in)
1185 mm (46.7 in)
1216 mm (47.9 in)
Performance
Optical data shown below is for standard single color cool white only. To get lux and candela values for other colors in both single and dual color
versions, multiply the values shown on the charts by the following factors.
Single Color:
Warm White: 1.000
Green: 0.547
Red: 0.173
Yellow: 0.147
Blue: 0.120
Dual Color:
Daylight White: 0.733
Green: 0.467
Red: 0.307
Yellow: 0.227
Blue: 0.173
145 mm Models
180°
140
117
93
70
47
23
0
23
47
70
93
Center Beam (lux)
3116 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 118.4°
Horizontal Spread: 123.5°
0.56 m 0.62 m
1.11 m 1.24 m
1.68 m 1.86 m
Mount height of 1 meter (1 m)
2.24 m 2.49 m
1002 lux
451 lux
261 lux
2.79 m 3.10 m
170 lux
3.35 m 3.72 m
126 lux
Beam Width (m)
117
140
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
50 lux
40 lux
30 lux
20 lux
10 lux
5 lux
100 lux
75 lux
285 mm Models
180°
270
225
180
135
90
45
0
45
90
135
180
Center Beam (lux)
6101 lux
0.17 m
0.33 m
0.50 m
0.67 m
0.83 m
1.00 m
Vertical Spread: 118.4°
Horizontal Spread: 123.5°
0.56 m 0.62 m
1.11 m 1.24 m
1.68 m 1.86 m
Mount height of 1 meter (1 m)
2.24 m 2.49 m
2154 lux
1019 lux
585 lux
2.79 m 3.10 m
389 lux
3.35 m 3.72 m
276 lux
Beam Width (m)
225
270
170°160°
150°
140°
130°
120°
110°
100°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
Polar Candela Distribution
Isolux Pattern
Illuminance at a Distance
Vert.
Horiz.
2
2
2
1
1
1
0 m
0 m
1
2
Vertical Angle:
0° Vertical
90° Horizontal
100 lux
75 lux
50 lux
25 lux
10 lux
5 lux
200 lux
150 lux
HLS27 Hazardous Location LED Strip Light
P/N 197949 Rev. B
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com