Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMH2 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # EMH2
Description  Dual Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMH2 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  EMH2 Datasheet HTML 1Page - First Silicon Co., Ltd EMH2 Datasheet HTML 2Page - First Silicon Co., Ltd EMH2 Datasheet HTML 3Page - First Silicon Co., Ltd EMH2 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
EMH2
2015. 08. 30
1/4
Revision No : 0
SOT-563
Dual Digital transistors (built-in resistors)
FEATURES
Two DTC504 chip in a package
Mounting possible with SOT-563 automatic mounting machines
Transistor elements are independent, eliminating interference
Mounting cost and area be cut in half
Marking: H2
Equivalent circuit
Absolute maximum ratings (Ta=25
℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
V
0
5
Input voltage
VIN
V
0
4
~
0
1
-
Output current
IO
0
0
1
mA
IC(MAX)
0
0
1
Power dissipation
W
m
0
5
1
d
P
Junction temperature
0
5
1
j
T
℃
Storage temperature
0
5
1
~
5
5
-
g
t
s
T
℃
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
Input voltage
VI(off)
0.5
V
VCC=5V, IO=100
μA
VI(on)
3
VO=0.3V, IO=2mA
Output voltage
VO(on)
0.1
0.3
V
IO/II=10mA/0.5mA
Input current
II
0.18
mA
VI=5V
Output current
IO(off)
0.5
μA
VCC=50V, VI=0
DC current gain
GI
68
VO=5V, IO=5mA
Input resistance
R1
32.9
47
61.1
K
Ω
-
Resistance ratio
R2/R1
0.8
1
1.2
-
Transition frequency
fT
250
MHz
VCE=10V, IE=5mA, f=100MHz
1


Similar Part No. - EMH2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH2 ROHM-EMH2 Datasheet
64Kb / 3P
General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
EMH2 ROHM-EMH2 Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2 Datasheet
681Kb / 8P
NPN 100mA 50V Complex Digital Transistors
EMH2 ROHM-EMH2 Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - EMH2

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC363EU ROHM-DTC363EU Datasheet
105Kb / 4P
Digital transistors (built-in resistors)
logo
Cystech Electonics Corp...
HBA143ZS6R CYSTEKEC-HBA143ZS6R Datasheet
247Kb / 5P
Dual PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
EMH3 SECOS-EMH3 Datasheet
279Kb / 2P
Dual NPN Digital Transistors(Built-in Resistors)
EMG11 SECOS-EMG11_18 Datasheet
73Kb / 1P
Dual NPN Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com