Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMH2 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # EMH2
Description  Dual Digital transistors (built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

EMH2 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  EMH2 Datasheet HTML 1Page - First Silicon Co., Ltd EMH2 Datasheet HTML 2Page - First Silicon Co., Ltd EMH2 Datasheet HTML 3Page - First Silicon Co., Ltd EMH2 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2015. 08. 30
2/4
Revision No : 0
EMH2
VO=0.3V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m100m
100
50
20
10
5
2
1
500m
200m
100m
OUTPUT CURRENT : IO
(A)
25
°C
100
°C
Ta=−40
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
VCC=5V
0.5
1.0
1.5
2.0
2.5
3.0
0
10m
5m
2m
1m
500
µ
200
µ
100
µ
50
µ
20
µ
10
µ
5
µ
1
µ
2
µ
INPUT VOLTAGE : VI (off) (V)
Ta=100
°C
25
°C
−40
°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
VO=5V
100
µ 200µ 500µ1m 2m
5m 10m 20m 50m100m
1k
500
200
100
50
20
10
5
2
1
Fig.3 DC current gain vs. output
current
Ta=100
°C
25
°C
−40
°C
100
µ 200µ 500µ1m 2m
5m 10m 20m 50m100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI=20
OUTPUT CURRENT : IO
(A)
Ta=100
°C
25
°C
−40
°C
Fig.4 Output voltage vs. output
current
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com