Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080WAZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08080WAZ
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08080WAZ Datasheet(HTML) 1 Page - Texas Instruments

  PTH08080WAZ Datasheet HTML 1Page - Texas Instruments PTH08080WAZ Datasheet HTML 2Page - Texas Instruments PTH08080WAZ Datasheet HTML 3Page - Texas Instruments PTH08080WAZ Datasheet HTML 4Page - Texas Instruments PTH08080WAZ Datasheet HTML 5Page - Texas Instruments PTH08080WAZ Datasheet HTML 6Page - Texas Instruments PTH08080WAZ Datasheet HTML 7Page - Texas Instruments PTH08080WAZ Datasheet HTML 8Page - Texas Instruments PTH08080WAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
VI
GND
GND
VO
R
#
SET
0.05 W, 1%
(Required)
C *
I
100 F
m
Electrolytic
(Required)
C *
O
100 F
m
Electrolytic
(Optional)
Inhibit
3
PTH08080W
STANDARD APPLICATION
(Top View )
1
2
5
4
* See The Capacitor Application Information
# See the Specification Table for the R
value.
SET
$ Diode is Required When V
5.25 V and V
16 V.
O
I
>
>
+
D1$
PTH08080W
SLTS235A – FEBRUARY 2005 – REVISED MARCH 2005
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
•
Ambient Temperature Range: –40
°C to 85°C
•
Up to 2.25-A Output Current at 85
°C
•
Surface-Mount Package
•
4.5-V to 18-V Input Voltage Range
•
Safety Agency Approvals:
UL/CUL 60950, EN60950 VDE (Pending)
•
Wide-Output Voltage Adjust
(0.9 V to 5.5 V)
•
Efficiencies Up To 93%
•
Telecommunications, Instumentation,
•
On/Off Inhibit
and General-Purpose Circuits
•
Undervoltage Lockout (UVLO)
•
Output Overcurrent Protection
(Nonlatching, Auto-Reset)
•
Overtemperature Protection
The PTH08080W is a highly integrated, low-cost switching regulator module that delivers up to 2.25 A of output
current. The PTH08080W sources output current at a much higher efficiency than a TO-220 linear regulator IC,
thereby eliminating the need for a heat sink. Its small size (0.5
× 0.6 in) and flexible operation creates value for a
variety of applications.
The input voltage range of the PTH08080W is from 4.5 V to 18 V, allowing operation from either a 5-V or 12-V
input bus. Using state-of-the-art switched-mode power-conversion technology, the PTH08080W can step down to
voltages as low as 0.9 V from a 5-V input bus, with less than 1 W of power dissipation. The output voltage can
be adjusted to any voltage over the range, 0.9 V to 5.5 V, using a single external resistor. Operating features
include an undervoltage lockout (UVLO), on/off inhibit, overcurrent protection, and overtemperature protection.
Target applications include telecommunications, test and measurement applications, and high-end consumer
products. This product is available in both through-hole and surface-mount package options, including tape and
reel.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH08080WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08080WAZ TI1-PTH08080WAZ Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAZ TI2-PTH08080WAZ Datasheet
570Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
REVISED SEPTEMBER 2013
PTH08080WAZ.B TI2-PTH08080WAZ.B Datasheet
570Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
REVISED SEPTEMBER 2013
PTH08080WAZT TI1-PTH08080WAZT Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAZT TI2-PTH08080WAZT Datasheet
570Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
REVISED SEPTEMBER 2013
More results

Similar Description - PTH08080WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com