Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1213146 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1213146
Description  Crimping pliers - CRIMPFOX CENTRUS 6H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1213146 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1213146 Datasheet HTML 1Page - PHOENIX CONTACT 1213146 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1213146
02/19/2016   Page 1 / 2
Crimping pliers - CRIMPFOX CENTRUS 6H - 1213146
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimping pliers, for uninsulated and insulated ferrules, DIN 46228 Part 1 and 4, from 0.14 mm² to 6 mm², also for
TWIN ferrules up to 2 x 4 mm², automatic cross section adjustment, lateral insertion, equipped with fall protection
Product Features
 Ergonomic handle design ensures comfortable, fatigue-free handling
 With a particularly small handle width, the tool fits perfectly in your hand
 Sturdy plastic guard over the head of the pliers protects the tool against damage caused by dropping
 Up to 30% lower actuation force, thanks to optimized leverage
 Pressure lock ensures consistently high quality crimping results
 
 
 
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
470.0 g
Custom tariff number
82032000
Country of origin
Sweden
Technical data
Dimensions
Length (b)
180 mm
Width (a)
70 mm
General
Color
black
Compression
HEX crimp
Type of contact
Insulated and uninsulated ferrules
Designation
Crimping position 1


Similar Part No. - 1213146

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1213144 PHOENIX-1213144 Datasheet
51Kb / 2P
Crimping pliers - CRIMPFOX CENTRUS 6S
1213144 PHOENIX-1213144 Datasheet
343Kb / 14P
PCB connector, Push-in spring connection
1213144 PHOENIX-1213144 Datasheet
377Kb / 15P
PCB connector, Push-in spring connection
1213144 PHOENIX-1213144 Datasheet
392Kb / 15P
PCB connector, Push-in spring connection
1213144 PHOENIX-1213144 Datasheet
397Kb / 15P
PCB connector, Push-in spring connection
More results

Similar Description - 1213146

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212037 PHOENIX-1212037 Datasheet
63Kb / 3P
Crimping pliers - CRIMPFOX 6T
1212039 PHOENIX-1212039 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX 25R
1212072 PHOENIX-1212072 Datasheet
98Kb / 6P
Crimping pliers - CRIMPFOX-M
1212318 PHOENIX-1212318 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C120
1212340 PHOENIX-1212340 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C50
1213144 PHOENIX-1213144 Datasheet
51Kb / 2P
Crimping pliers - CRIMPFOX CENTRUS 6S
1213154 PHOENIX-1213154 Datasheet
51Kb / 2P
Crimping pliers - CRIMPFOX CENTRUS 10S
1213156 PHOENIX-1213156 Datasheet
47Kb / 2P
Crimping pliers - CRIMPFOX CENTRUS 10H
1206696 PHOENIX-1206696 Datasheet
66Kb / 4P
Crimping pliers - CRIMPFOX LC
09/11/2020
1212046 PHOENIX-1212046 Datasheet
60Kb / 3P
Crimping pliers - CRIMPFOX 6H
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com