Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1213146 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1213146
Description  Crimping pliers - CRIMPFOX CENTRUS 6H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1213146 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1213146 Datasheet HTML 1Page - PHOENIX CONTACT 1213146 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/1213146
02/19/2016   Page 2 / 2
Crimping pliers - CRIMPFOX CENTRUS 6H - 1213146
Technical data
General
Min. cross section
0.14 mm²
Max. cross section
6 mm²
AWG min
26
AWG max
10
Classifications
eCl@ss
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043811
eCl@ss 8.0
21049090
ETIM
ETIM 4.0
EC000168
ETIM 5.0
EC000168
Approvals
Approvals
Approvals
EAC
Ex Approvals
Approvals submitted
Approval details
EAC 
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com