Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72311J4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72311J4
Description  8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311J4 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72311J4 Datasheet HTML 1Page - STMicroelectronics ST72311J4 Datasheet HTML 2Page - STMicroelectronics ST72311J4 Datasheet HTML 3Page - STMicroelectronics ST72311J4 Datasheet HTML 4Page - STMicroelectronics ST72311J4 Datasheet HTML 5Page - STMicroelectronics ST72311J4 Datasheet HTML 6Page - STMicroelectronics ST72311J4 Datasheet HTML 7Page - STMicroelectronics ST72311J4 Datasheet HTML 8Page - STMicroelectronics ST72311J4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
September 1998
1/94
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
ST72311
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM,
384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PRELIMINARY DATA
s
User Program Memory (ROM/OTP/EPROM):
8 to 16K bytes
s
Data RAM: 384 to 512 bytes including 256 bytes
of stack
s
Master Reset and Power-On Reset
s
Low Voltage Detector Reset option
s
Run and Power Saving modes
s
44 or 32 multifunctional bidirectional I/O lines:
– 15 or 9 programmable interrupt inputs
– 8 or 4 high sink outputs
– 8 or 6 analog alternate inputs
– 13 alternate functions
–EMI filtering
s
Software or Hardware Watchdog (WDG)
s
Two 16-bit Timers, each featuring:
– 2 Input Captures
1)
– 2 Output Compares
1)
– External Clock input (on Timer A)
– PWM and Pulse Generator modes
s
Synchronous Serial Peripheral Interface (SPI)
s
Asynchronous Serial Communications Interface
(SCI)
s
8-bit ADC with 8 channels
2)
s
8-bit Data Manipulation
s
63 basic Instructions and 17 main Addressing
Modes
s
8 x 8 Unsigned Multiply Instruction
s
True Bit Manipulation
s
Complete
Development
Support
on
DOS/
WINDOWSTM Real-Time Emulator
s
Full Software Package on DOS/WINDOWSTM
(C-Compiler, Cross-Assembler, Debugger)
Notes:
1. One only on Timer A.
2. Six channels only for ST72311J.
Device Summary
TQFP44
PSDIP42
PSDIP56
CSDIP42W
CSDIP56W
TQFP64
Features
ST72311J2
ST72311J4
ST72311N2
ST72311N4
Program Memory - bytes
8K
16K
8K
16K
RAM (stack) - bytes
384 (256)
512 (256)
384 (256)
512 (256)
Peripherals
Watchdog, Timers, SPI, SCI, ADC and optional Low Voltage Detector Reset
Operating Supply
3 to 6 V
CPU Frequency
8 MHz max (16 MHz oscillator)
Temperature Range
- 40°C to + 85°C
Package
TQFP44 - SDIP42
TQFP64 - SDIP56
1
Rev. 1.4


Similar Part No. - ST72311J4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72311R6 STMICROELECTRONICS-ST72311R6 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72311R6T1 STMICROELECTRONICS-ST72311R6T1 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72311R6T1S STMICROELECTRONICS-ST72311R6T1S Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
ST72311R6T3 STMICROELECTRONICS-ST72311R6T3 Datasheet
1Mb / 164P
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
Rev. 2.1
More results

Similar Description - ST72311J4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
Rev. 1.7
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
31-May-2001
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
May-2001
ST72371 STMICROELECTRONICS-ST72371 Datasheet
636Kb / 94P
8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
Mar-1998
ST72101 STMICROELECTRONICS-ST72101_01 Datasheet
885Kb / 85P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
May-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com