Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX26F041A-5V-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NX26F041A-5V-R
Description  1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX26F041A-5V-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NX26F041A-5V-R Datasheet HTML 1Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 2Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 3Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 4Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 5Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NX26F041A-5V-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
NexFlash Technologies, Inc.
1
PRELIMINARY NXSF009A-0599
05/05/99 ©
NX26F011A
NX26F041A
NX26F011A
NX26F041A
1M-BIT AND 4M-BIT SERIAL FLASH MEMORY
WITH 2-PIN NXS INTERFACE
FEATURES
• Tailored for Portable and Mobile Media-Storage
– Ideal for portable/mobile applications that transfer
and store data, audio, or images
– Removable Serial Flash Module package option
•
NexFlash ™ Non-volatile Memory Technology
– Patented Single-Transistor EEPROM Cell
– High-density, cost-effective, low-voltage/power
– 10K/100K endurance, ten years data retention
• Flash Memory for Battery-Operation
– Single 5V or 3V supply for Read, Erase/Write
– Icc 5 mA active with 1
µA standby power
– 5 ms Erase/Write times for efficient battery use
• 1M-bits or 4M-bits of
NexFlash Serial Memory
– 512 or 2,048 sectors of 264 bytes each
– Simple commands: Reset, Read, Write,
Ready/Busy
– No pre-erase required, auto-erases before write
• Two-pin NXS Serial Interface
– Saves Microcontroller-pins, simplifies PCB layout,
low switching noise compared to parallel Flash
– Supports clock operation as fast as 16 MHz
– Multi-device cascading, up to 16 devices
• Development Tools and Accessories
– SFK-NXS Serial Flash Development Kit
Description
The
NexFlash™ NX26F011A and NX26F041A Serial Flash
Memories are tailored for portable/mobile media-storage
applications that transfer and store data, audio and images.
Manufactured using
NexFlash’s patented single transistor
EEPROM memory cell, the NX26F011A and NX26F041A
provide a high-density, low-voltage, low-power, and cost
effective solution for battery-operated nonvolatile data
storage requirements. The NX26F011A and NX26F041A
can operate with a single 5V or 3V supply for Read, Write,
and Erase. Power consumption is very low due to
µA
standby current and fast Erase/Write performance (as fast
as 5 ms per sector) that minimizes power-on time, resulting
inahighlyefficientenergy-per-transferratio.TheNX26F011A
PRE-RELEASE
MAY 1999
and NX26F041A offer 1M-bits and 4M-bits of Flash memory
organized in sectors of 264 bytes each. Each sector is
individually addressable through basic commands or
control functions such as Reset, Read, Erase/Write, and
Ready/Busy. The NXS (
NexFlash Serial) 2-wire serial
interface is ideal for use with microcontrollers since it only
requires two pins. This leaves pins normally used for parallel
Flash free for other uses. The NXS interface supports clock
rates as fast as 16 MHz and allows for multi-device cascading
of up to 16 devices. It also simplifies PC-board layout and
generates less transient noise than parallel devices. Devel-
opment is supported with the NexFlash Serial Flash
Development Kit.
This document contains PRELIMINARY INFORMATION. NexFlash reserves the right to make changes to its product at any time without notice in order to improve design and supply the
best possible product. We assume no responsibility for any errors which may appear in this publication.
 Copyright 1998, NexFlash Technologies, Inc.


Similar Part No. - NX26F041A-5V-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
NX2601CMTR MICROSEMI-NX2601CMTR Datasheet
1,010Kb / 25P
DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Pericom Semiconductor C...
NX26SA PERICOM-NX26SA Datasheet
1Mb / 2P
2.5V/3.3V CML FS XO
NX26SB PERICOM-NX26SB Datasheet
1Mb / 2P
2.5V/3.3V CML FS XO
More results

Similar Description - NX26F041A-5V-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
NX25F011B ETC1-NX25F011B Datasheet
544Kb / 37P
1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
logo
Winbond
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
Sanyo Semicon Device
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
4M-bit (512K횞8) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com