Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6HT39A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM6HT39A
Description  HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6HT39A Datasheet(HTML) 2 Page - STMicroelectronics

  SM6HT39A Datasheet HTML 1Page - STMicroelectronics SM6HT39A Datasheet HTML 2Page - STMicroelectronics SM6HT39A Datasheet HTML 3Page - STMicroelectronics SM6HT39A Datasheet HTML 4Page - STMicroelectronics SM6HT39A Datasheet HTML 5Page - STMicroelectronics SM6HT39A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SM6HT
2/6
Table 4: Electrical Characteristics (Tamb = 25°C)
Note 1:
Pulse test : tp < 50 ms.
Note 2:
VBR = αT x (Tamb - 25) x VBR(25°C).
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
VF
Forward voltage drop
Types
Marking
IRM
@
VRM
VBR
@
IR
VCL @ IPP
αT
Tamb=25°C Tamb=150°C
note1
10/1000µs
max
max
max
min
nom max
max
note2
µA
µA
V
V
V
V
mA
V
A
10-4/°C
SM6HT24A
EMB
25
20.5
22.8
24
25.2
1
33.2 18.0
9.4
SM6HT27A
EPB
23.1
25.7
27
28.4
37.5 16.0
9.6
SM6HT30A
ERB
25.6
28.5
30
31.5
41.5 14.5
9.7
SM6HT36A
EVB
30.8
34.2
36
37.8
49.9 12.0
9.9
SM6HT39A
EXB
33.3
37.1
39
41.0
53.9 11.1
10.0
SM6HT43A
EYB
36.8
40.9
43
45.2
59.3 10.1
10.1
VCL
VRM
VF
V
IRM
IPP
IF
I
VBR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com