Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6HT39A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM6HT39A
Description  HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6HT39A Datasheet(HTML) 3 Page - STMicroelectronics

  SM6HT39A Datasheet HTML 1Page - STMicroelectronics SM6HT39A Datasheet HTML 2Page - STMicroelectronics SM6HT39A Datasheet HTML 3Page - STMicroelectronics SM6HT39A Datasheet HTML 4Page - STMicroelectronics SM6HT39A Datasheet HTML 5Page - STMicroelectronics SM6HT39A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SM6HT
3/6
Figure 1: Peak power dissipation versus initial
junction temperature
Figure
2:
Continuous
power
dissipation
versus ambient temperature
Figure 3: Peak pulse power versus exponential
pulse duration (Tj initial=25°C)
Figure 4: Clamping voltage versus peak pulse
current (Tj initial=25°C)
Figure 5: Junction capacitance versus reverse
applied voltage (typical values)
Figure 6: Peak forward voltage drop versus
peak forward current (typical values)
0
25
50
75
100
125
150
175
200
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T initial(°C)
j
P
[T initial] /
[T initial=25°C]
PP
j
j
PPP
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
R=R
th(j-a)
th(j-l)
R
=100°C/W
th(j-a)
T
(°C)
amb
P(W)
0.01
0.10
1.00
10.00
0.1
1.0
10.0
t (ms)
p
P
(kW)
PP
10
100
1E-1
1E+0
1E+1
1E+2
SM6HT24A
SM6HT30A
SM6HT27A
SM6HT36A
SM6HT39A
SM6HT43A
V
(V)
CL
I
(A)
PP
tp = 1ms
tp = 20µs
1
10
100
200
100
200
500
1000
SM6HT24A
SM6HT30A
SM6HT27A
SM6HT36A
SM6HT39A
SM6HT43A
F=1MHz
V (V)
R
C(pF)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1.0
10.0
100.0
I
(A)
FM
V
(V)
FM
T =25°C
j
T =175°C
j



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com