Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39PS Datasheet(PDF) 1 Page - Texas Instruments

Part # 39PS
Description  25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

39PS Datasheet(HTML) 1 Page - Texas Instruments

  39PS Datasheet HTML 1Page - Texas Instruments 39PS Datasheet HTML 2Page - Texas Instruments 39PS Datasheet HTML 3Page - Texas Instruments 39PS Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
W ORLD
L EADER
I N
S ENSING
S OLUTIONS
25PS, 42PS, 44PS, 45PS and 46PS
Series Pressure Switches
Key Features
• SPST or SPDT switch with normally
open or closed contacts
• Electrically rated to 600 Vac (44/45PS)
• High cycle life capability (42/44PS)
• Factory calibrated pressure setpoints
from vacuum to 750 psig
• Snap-acting stainless steel
hermetically sealed sensor
• Available with environmentally
sealed switch
• High current capability
This line of pressure switches is
designed for direct control of
motors and other demanding loads
requiring precise pressure settings.
Extended electrical capacities and
life cycles, in both environmentally
sealed and unsealed configurations,
encourage usage in the most rigor-
ous fan cycling and high/low
pressure protection applications.
Applications
Product Bulletin
Operation
The snap-acting stainless steel
diaphragm reverses its curvature
when pressurized to a customer
specified value. When the disc
snaps, it opens or closes a set of
electrical contacts by means of a
transfer pin. Resetting the switch
occurs automatically when pressure
drops below a preset value.
Product Selection Matrix
44PS - Wire Leads
44PS - 1/4” Quick Connects
100,000
250,000
Switch Life
Cycles
Application
Voltage
Environmental
Package
Model Number – Termination
Sealed
Unsealed
The 25PS series is an automatic
reset pressure switch designed to
meet a broad variety of application
requirements. This series is avail-
Sealed
Unsealed
Sealed
Unsealed
Sealed
Unsealed
44PS - Wire Leads
42PS - Wire Leads or 1/4” Quick Connects
45PS - Wire Leads
45PS - 1/4” Quick Connects
45PS - Wire Leads
25PS - Wire Leads or 1/4” Quick Connects
480 - 600 Vac
28 Vdc - 240 Vac
able in SPST and SPDT, offers a
variety of pressure settings, port
fittings and electrical connections.
480 - 600 Vac
28 Vdc - 240 Vac
for 2.5 million cycles.† In applica-
tions such as split room air condi-
tioning systems, the 46PS as a head
pressure control can result in signifi-
cant cost savings when used instead
of a pilot duty switch and relay.
2,500,000†
480 Vac
120 Vac - 240 Vac
Sealed
Unsealed
Sealed
Unsealed
46PS - Wire Leads
46PS - Wire Leads or 1/4” Quick Connects
46PS - Wire Leads
46PS - Wire Leads or 1/4” Quick Connects
The 46PS pressure switch is capable
of breaking 2 amp loads at 480 Vac
†Qualified by application current. Requires TI/customer specification closure and validation testing before application approval.


Similar Part No. - 39PS

ManufacturerPart #DatasheetDescription
logo
Bi technologies
39P BITECH-39P Datasheet
84Kb / 4P
15 mm Single-Turn Trimmer
39PLABR100KLF10 BITECH-39PLABR100KLF10 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
39PLABR100KLF20 BITECH-39PLABR100KLF20 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
39PLABR100KLF30 BITECH-39PLABR100KLF30 Datasheet
283Kb / 4P
15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
More results

Similar Description - 39PS

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
PRESSURE SWITCHES
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
PRESSURE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com