Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39PS Datasheet(PDF) 2 Page - Texas Instruments

Part # 39PS
Description  25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

39PS Datasheet(HTML) 2 Page - Texas Instruments

  39PS Datasheet HTML 1Page - Texas Instruments 39PS Datasheet HTML 2Page - Texas Instruments 39PS Datasheet HTML 3Page - Texas Instruments 39PS Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Ratings
Design Specifications – 25PS, 42PS, 44PS, 45PS, 46PS
Vacuum to 750 psig
5000 psig
100,000 Cycles (25/45PS)
250,000 Cycles (42/44PS)
2,500,000 Cycles (46PS)†
750 Vrms across open contacts
1554 Vrms terminals to fitting (25/42PS)
2200 Vrms terminals to fitting (44/45/46PS)
-20oF to 150oF / -28.9oC to 65.6oC (Leaded)
-40oF to 275oF / -40oCto135oC (QuickConnect)
-65oF to 275oF / -53.9oC to 135oC
UL Recognized File No. SA995
U.S.Guide No. SDFY2 / Canada No. SDFY8
PED CE0035 Module B/D
ENEC Certified
IP67 (Leaded)
Operating Pressure:
Burst Pressure:
Life at rated Current:
Dielectric Strength:
Ambient Temperature:
Fluid Temperature:
Agency Approvals:
Differential
Range∆
50 - 70
45 - 60
50 - 70
60 - 75
60 - 75
65 - 80
70 - 80
Minimum
Tolerance
Contact TI
5
7
10
10
10
15
Upper
Setpoint***
10” Hg Min - 18 psig
15-50 psig
51-120 psig
121-250 psig
251-350 psig
351-500 psig
501-750 psig
Standard
Pressure Ranges
*SPST - single pole, single throw.
SPDT - single pole, double throw
**Switch logic at atmospheric pressure
***Maximum UL recognized pressure rating is 750 psig:
non-UL ratings to 1000 psig.
† 25 amp rating for 25PS and 45PS only. For 42PS and
44PS, NC ratings same as NO ratings. Note 18 AWG.
†† Qualified by application current.
Validation testing required.
∆ Differential = (Lower Setpoint / Upper Setpoint) x 100
Typical Dimensional Drawings – 25PS, 42PS, 44PS, 45PS, 46PS
Quick Connect Construction
Leaded Construction
.250 x .032
straight male spade terminal
to mate with Amp #41800 female
or equivalent
All dimensions in inches.
25/42PS
SPST
25/42PS
SPDT
NO
NC
NO
NC
15
15
15
15
13
13
5.8
13
10
25†
5
25†
10
10
2.9
10
45
45
17.4
45
720
720
278
720
Device
Switch
Type**
5-28 Vdc
Amps
Inductive
F
L
A
L
R
A
VA
Pilot
Duty
240 Vac
.122
.54
1.16
1.50
1.06
.54
2.00
1.27
Amps
Res
13
25†
10
25†
65
60
34.8
60
120 Vac
480
480
278
480
F
L
A
L
R
A
VA
Pilot
Duty
Amps
Res
F
L
A
L
R
A
F
L
A
L
R
A
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
44/45/46PS
SPST
44/45PS
SPDT
NO
NC
NO
NC
15
15
15
15
13
13
5.8
13
10
25†
5
25†
10
10
2.9
10
45
45
17.4
45
720
720
278
720
13
25†
10
25†
65
60
34.8
60
480
480
278
480
4
4
–
–
24
24
–
–
3.2
3.2
–
–
19.2
19.2
–
–
480 Vac
600 Vac



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com