Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5GN-R1TCAC/DC24 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E5GN-R1TCAC/DC24
Description  Digital Temperature Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R1TCAC/DC24 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E5GN-R1TCAC/DC24 Datasheet HTML 1Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 2Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 3Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 4Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 5Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
67
Digital Temperature Controllers
E5GN
Compact, Intelligent Temperature Controllers
H 1/32 DIN sized controller saves panel
space, measures just 100 mm deep
H Accepts thermocouple, platinum RTD,
non-contact temperature sensor, and
analog temperature inputs
H Auto-tuning and self-tuning available;
functions can be used simultaneously
H Heating or heating/cooling control
H Water-resistant construction (NEMA 4X,
equivalent to IP66)
H Conforms to UL, CSA, and IEC safety
standards as well as CE marking
H 3-year warranty
uC
Ordering Information
Optional communications and event input boards are shown on the following page.
J STANDARD TEMPERATURE CONTROLLERS
Size
Power
Alarm points
Output
Part number
supply
voltage
Thermocouple input
Platinum RTD input
1/32 DIN
100 to
–––
Relay
E5GN-RTC AC100-240
E5GN-RP AC100-240
48(W) x
240 VAC
Voltage (for driving SSR)
E5GN-QTC AC100-240
E5GN-QP AC100-240
24 (H) x
100(D) mm
1 (See Note 1)
Relay
E5GN-R1TC AC100-240
E5GN-R1P AC100-240
100(D) mm
Voltage (for driving SSR)
E5GN-Q1TC AC100-240
E5GN-Q1P AC100-240
24 V
–––
Relay
E5GN-RTC AC/DC24
E5GN-RP AC/DC24
AC/DC
Voltage (for driving SSR)
E5GN-QTC AC/DC24
E5GN-QP AC/DC24
1 (See Note 1)
Relay
E5GN-R1TC AC/DC24
E5GN-R1P AC/DC24
Voltage (for driving SSR)
E5GN-Q1TC AC/DC24
E5GN-Q1P AC/DC24
Note: 1. If the heating/cooling function is used, ALM1 will be used for control output; the alarm output will not be available.
2. Control output 2 for heating/cooling control is a relay output
J TEMPERATURE CONTROLLERS WITH COMMUNICATIONS
Size
Power
Communication
Output
Part number
supply
voltage
type
Thermocouple input
Platinum RTD input
1/32 DIN
100 to
RS-485
Relay
E5GN-R03TC-FLK AC100-240
E5GN-R03P-FLK AC100-240
48(W) x
240 VAC
Voltage (for driving SSR)
E5GN-Q03TC-FLK AC100-240
E5GN-Q03P-FLK AC100-240
24 (H) x
100(D) mm
24 V
Relay
E5GN-R03TC-FLK AC/DC24
E5GN-R03P-FLK AC/DC24
100(D) mm
AC/DC
Voltage (for driving SSR)
E5GN-Q03TC-FLK AC/DC24
E5GN-Q03P-FLK AC/DC24


Similar Part No. - E5GN-R1TCAC/DC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN-R1T OMRON-E5GN-R1T Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
E5GN-R1T-C OMRON-E5GN-R1T-C Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
E5GN-R1TD OMRON-E5GN-R1TD Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
E5GN-R1TD-C OMRON-E5GN-R1TD-C Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
More results

Similar Description - E5GN-R1TCAC/DC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
Digital Temperature Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Omron Electronics LLC
E53-C3 OMRON-E53-C3 Datasheet
141Kb / 9P
Temperature Controllers
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
Digital Temperature Controllers/Digital Controllers
logo
Extech Instruments Corp...
48VFL11 EXTECH-48VFL11_15 Datasheet
134Kb / 1P
Temperature PID Controllers
96VFL13 EXTECH-96VFL13_15 Datasheet
134Kb / 1P
Temperature PID Controllers
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
Digital Power Controllers
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
Digital Temperature Controllers
E5CS OMRON-E5CS Datasheet
1Mb / 10P
Temperature Controllers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com