Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5GN-R1TCAC/DC24 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5GN-R1TCAC/DC24
Description  Digital Temperature Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R1TCAC/DC24 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5GN-R1TCAC/DC24 Datasheet HTML 1Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 2Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 3Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 4Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 5Page - Omron Electronics LLC E5GN-R1TCAC/DC24 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E5GN
E5GN
70
Specifications Table – continued from previous page
EMC
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
Immunity ESD:
EN61000-4-2:
4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
ENV50140:
10 V/m (amplitude modulated,
80 MHz to 1 GHz) (level 3)
10 V/m (pulse modulated, 900 MHz)
Immunity Conducted Disturbance:
ENV50141:
10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4:
2 kV power-line (level 3)
2 kV I/O signal-line (level 4)
Approved standards
UL3121-1, CSA22.2 No. 14, E.B.1402C
Conforms to EN50081-2, EN50082-2, EN61010-1 (IEC61010-1)
J COMMUNICATIONS SPECIFICATIONS
Transmission path connection
Multiple points
Communications method (See Note)
RS-485 (two-wire, half duplex)
Synchronization method
Start-stop synchronization
Baud rate
1,200/2,400/4,800/9,600/19,200 bps
Transmission code
ASCII
Data bit length (See Note)
7 or 8 bits
Stop bit length (See Note)
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Frame check sequence (FCS): with SYSMAC WAY
Block check character (BCC): with CompoWay/F
Flow control
Not available
Interface (See Note)
RS-485
Retry function
Not available
Communications buffer
40 bytes
Note: The baud rate, data bit length, stop bit length, or vertical parity can be individually set using the communications setting level.
Nomenclature
CMW
STP
OUT
Temperature unit
No.1 display
Level key
Operation in-
dicators
No.2 display
Up key
Mode key
Down key



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com