Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FSU Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28W640FSU
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28W640FSU Datasheet HTML 7Page - STMicroelectronics M28W640FSU Datasheet HTML 8Page - STMicroelectronics M28W640FSU Datasheet HTML 9Page - STMicroelectronics M28W640FSU Datasheet HTML 10Page - STMicroelectronics M28W640FSU Datasheet HTML 11Page - STMicroelectronics M28W640FSU Datasheet HTML 12Page - STMicroelectronics M28W640FSU Datasheet HTML 13Page - STMicroelectronics M28W640FSU Datasheet HTML 14Page - STMicroelectronics M28W640FSU Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11/49
M28W320FSU, M28W640FSU
HARDWARE PROTECTION
All devices feature hardware protection. Refer to
SIGNAL DESCRIPTIONS section for a detailed
description of these signals.
VPP ≤ VPPLK. The VPP pin protects all the memo-
ry blocks from program and erase operations. Re-
fer to SIGNAL DESCRIPTIONS section for a
detailed description of these signals.
SECURITY FEATURES
The
M28W320FSU
and
M28W640FSU
are
equipped with KRYPTO Security features per-
forming software protection. They allow any block
to be protected from program/erase or read oper-
ations:
Modify Protection including Volatile Block
Lock/Unlock, Non-Volatile Block Modify
Protection, Non-Volatile Password Modify
Protection and Irreversible Protection.
Read Protection.
The KRYPTO features (Modify Protection mode,
Read Protection mode and Device Authentication
mechanism) are not described in this Datasheet.
For further details concerning these additional pro-
tection modes please contact ST Sales Offices.
The devices also feature a 64 bit Unique Device
Identifier and a 128 bit user-programmable OTP
segment (see Figure 6., Protection Register Mem-
ory Map and Protection Register Program Com-
mand).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com