Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FSU Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W640FSU
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU Datasheet(HTML) 1 Page - STMicroelectronics

  M28W640FSU Datasheet HTML 1Page - STMicroelectronics M28W640FSU Datasheet HTML 2Page - STMicroelectronics M28W640FSU Datasheet HTML 3Page - STMicroelectronics M28W640FSU Datasheet HTML 4Page - STMicroelectronics M28W640FSU Datasheet HTML 5Page - STMicroelectronics M28W640FSU Datasheet HTML 6Page - STMicroelectronics M28W640FSU Datasheet HTML 7Page - STMicroelectronics M28W640FSU Datasheet HTML 8Page - STMicroelectronics M28W640FSU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1/49
May 2005
M28W320FSU
M28W640FSU
32Mbit (2Mb x16) and 64Mbit (4Mb x16)
3V Supply, Uniform Block, Secure Flash Memories
FEATURES SUMMARY
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 2.7V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
ACCESS TIME: 70ns
PROGRAMMING TIME:
10µs typical
Double Word Programming Option
Quadruple Word Programming Option
COMMON FLASH INTERFACE
UNIFORM BLOCKS
64-KWord UNIFORM MEMORY BLOCKS
M28W320FSU: 32 Blocks
M28W640FSU: 64 Blocks
HARDWARE PROTECTION
–VPP Pin for Write protect of All Blocks
SECURITY FEATURES
128 bit User-programmable OTP segment
64 bit Unique Device Identifier
KRYPTO Features:
Modify Protection,
Read Protection,
Device Authentication
AUTOMATIC STAND-BY MODE
PROGRAM and ERASE SUSPEND
100,000 PROGRAM/ERASE CYCLES per
BLOCK
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Device Codes:
M28W320FSU: 880Ch,
M28W640FSU: 8857h
PACKAGE
Compliant with Lead-Free Soldering
Processes
Lead-Free Version
Figure 1. Package
BGA
TBGA64 (ZA)
10 x 13mm


Similar Part No. - M28W640FSU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640FSB STMICROELECTRONICS-M28W640FSB Datasheet
1,020Kb / 55P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
01-Aug-2005
M28W640FSB70ZA1 STMICROELECTRONICS-M28W640FSB70ZA1 Datasheet
1,020Kb / 55P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
01-Aug-2005
M28W640FSB70ZA1E STMICROELECTRONICS-M28W640FSB70ZA1E Datasheet
1,020Kb / 55P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
01-Aug-2005
M28W640FSB70ZA1F STMICROELECTRONICS-M28W640FSB70ZA1F Datasheet
1,020Kb / 55P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
01-Aug-2005
M28W640FSB70ZA1T STMICROELECTRONICS-M28W640FSB70ZA1T Datasheet
1,020Kb / 55P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
01-Aug-2005
More results

Similar Description - M28W640FSU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
08-Apr-2003
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
16-Dec-2002
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
25-Feb-2003
M30LW128D STMICROELECTRONICS-M30LW128D Datasheet
860Kb / 57P
128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
11-Feb-2003
M28W640FST STMICROELECTRONICS-M28W640FST Datasheet
1,020Kb / 55P
32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
01-Aug-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
16-Dec-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com