Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL70 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # TL70
Description  TL70 Modular Tower Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL70 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  TL70 Datasheet HTML 1Page - Banner Engineering Corp. TL70 Datasheet HTML 2Page - Banner Engineering Corp. TL70 Datasheet HTML 3Page - Banner Engineering Corp. TL70 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Assembling the Modules
To assemble the modules:
1. Align the notches on each module and press together.
2. Rotate the top module clockwise to lock into place
(notches shown in the locked position).
Wiring Diagrams
PNP Input
Module
M2
M3
M1
M4
3
4
1
2
5
12–30 V dc
NPN Input
Module
M2
M3
M1
M4
3
4
1
2
5
12–30 V dc
Euro-style Male Pinouts
1
4
5
3
2
Key
1 = brown
2 = white
3 = blue
4 = black
5 = gray
M1 = Module 1
M2 = Module 2
M3 = Module 3
M4 = Module 4
PNP Input
7
6
2
1
5
4
8
3
12–30 V dc
Module
M1
M2
M3
M4
M5
M6
Not Used
NPN Input
7
6
2
1
5
4
8
3
12–30 V dc
Module
M1
M2
M3
M4
M5
M6
Not Used
Euro-style Male Pinouts
5
6
7
1
8
2
3
4
Key
1 = white
2 = brown
3 = green
4 = yellow
5 = gray
6 = pink
7 = blue
8 = red
M1 = Module 1
M2 = Module 2
M3 = Module 3
M4 = Module 4
M5 = Module 5
M6 = Module 6
TL70 Modular Tower Light
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 182215 Rev. G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com